Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5921 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1N5921
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5921 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5921 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5921 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1N5921 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3000mW
ZENER DIODES
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 3
1N5913-1N5956
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
MECHANICAL DATA
* Case : DO-15 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.335 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Maximum Steady state Power Dissipation
3.0
W
@ TL = 75 ºC, Lead Length = 3/8"
Derate above 75 ºC
Steady State Power Dissipation
1.0
W
@ TL = 50 ºC, Lead Length = 3/8"
Derate above 50 ºC
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 200
°C
0
40
80
120
160
200
TL, LEAD TEMPERATURE (
°C)
6.67
mW/ºC
PD
PD
24
mW/ºC
1
L = LEAD LENGTH
TO HEAT SINK
Fig. 1 POWER TEMPERATURE DERATING CURVE
5
3
2
4
L = 1/8"
L = 3/8"
L = 1"
0


Similar Part No. - 1N5921

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5921 MICROSEMI-1N5921 Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5921 NJSEMI-1N5921 Datasheet
125Kb / 1P
SILICON 1.5 WATT ZENER DIODES
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N5921 ZSELEC-1N5921 Datasheet
1Mb / 14P
ZENER DIODES
logo
Shanghai Shunye Electro...
1N5921 SHUNYE-1N5921 Datasheet
648Kb / 4P
ZENER DIODES
V2.22
More results

Similar Description - 1N5921

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com