Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY396G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY396G
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY396G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY396G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY396G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100V-800V
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
2.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
BY396G-BY399G
Case: DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 1.10 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 10ms single half
sine-wave superimposed on rated
load at TA=25℃
VDC
Maximum average forward rectified current
R load at TA=50℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
30
-65 to +175
℃
Volts
Maximum DC reverse
current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
100
BY396G
70
100
5.0
Volts
μA
ns
pF
I(AV)
IR
Trr
25.0
CJ
200
BY397G
140
200
400
BY398G
280
400
800
BY399G
560
800
Max.thermal resistance
250
RθJA
℃/W
TA=25℃
TA=125℃
125


Similar Part No. - BY396G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
logo
Chongqing Pingwei Enter...
BY396G CHONGQING-BY396G Datasheet
39Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
BY396G CHENDA-BY396G Datasheet
534Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - BY396G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com