Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP704EP Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP704EP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704EP Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP704EP Datasheet HTML 8Page - Sipex Corporation SP704EP Datasheet HTML 9Page - Sipex Corporation SP704EP Datasheet HTML 10Page - Sipex Corporation SP704EP Datasheet HTML 11Page - Sipex Corporation SP704EP Datasheet HTML 12Page - Sipex Corporation SP704EP Datasheet HTML 13Page - Sipex Corporation SP704EP Datasheet HTML 14Page - Sipex Corporation SP704EP Datasheet HTML 15Page - Sipex Corporation SP704EP Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
16
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP703CN..........................................................0
°C to +70°C....................................................8-Pin NSOIC
SP703CP........................................................0
°C to +70°C.........................................................8-Pin PDIP
SP703EN......................................................-40
°C to +85°C.....................................................8-Pin NSOIC
SP703EP.......................................................-40
°C to +85°C....................................................... 8-Pin PDIP
SP704CN........................................................0
°C to +70°C......................................................8-Pin NSOIC
SP704CP........................................................0
°C to +70°C.........................................................8-Pin PDIP
SP704EN......................................................-40
°C to +85°C.....................................................8-Pin NSOIC
SP704EP.......................................................-40
°C to +85°C....................................................... 8-Pin PDIP
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com