Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33984 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33984 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33984
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Previous Address SOA[2:0]=011
Data returned in bits OD1 and OD0 are current values for
the over-current fault blanking time, illustrated in Table 13. Bit
OD2 reports if the over-current detection timeout feature is
active. OD3 reports if the open load circuitry is active.
Previous Address SOA[2:0]=100
The returned data contain the programmed values in the
DICR.
Previous Address SOA[2:0] =101
• SOA3 = 0. The returned data contain the programmed
values in the OSDR. Bit OD3 (FSM_HS0) reflects the
state of the output HS0 in the Fail-safe Mode after a
watchdog timeout occurs.
• SOA3 = 1. The returned data contain the programmed
values in the WDR. Bit OD2 (WDTO) reflects the status
of the watchdog circuitry. If WDTO bit is Logic [1], the
watchdog has timed out and the device is in Fail-safe
Mode. If WDTO is Logic [0], the device is in Normal
Mode (assuming the device is powered and not in Sleep
Mode), with the watchdog either enabled or disabled.
Bit OD3 (FSM_HS1) reflects the state of the output HS1
in the Fail-safe Mode after a watchdog timeout occurs.
Previous Address SOA[2:0] =110
• SOA3 = 0. OD3:OD0 return the state of the IN1, IN0,
FSI, and WAKE pins, respectively (Table 18).
• SOA3 = 1. The returned data contain the programmed
values in the UOVR. Bit OD1 reflects the state of the
under-voltage protection and bit OD0 reflects the state
of the over-voltage protection. Refer to Table 16).
Previous Address SOA[2:0] =111
Null Data. No previous register Read Back command
received, so bits OD2:OD0 are null, or 000.
Table 17. Fault Register
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
s
OTF
OCHFs OCLFs
OLFs
UVF
OVF
FAULT
OD7 (s) = Selection of output: Logic [0] = HS0, Logic [1] = HS1.
OD6 (OTF) = Over-temperature Flag.
OD5 (OCHFs) = Over-current High Flag. (This fault is latched.)
OD4 (OCLFs) = Over-current Low Flag. (This fault is latched.)
OD3 (OLFs) = Open Load Flag.
OD2 (UVF) = Under-voltage Flag. (This fault is latched or not latched.)
OD1 (OVF) = Over-voltage Flag.
OD0 (FAULT) = This flag reports a fault and is reset by a read
operation.
FAULT report of any fault on HS0 or HS1
Note
The FS pin reports a fault. For latched faults, this pin is reset by
a new Switch ON command (via SPI or direct input IN).
Table 18. Pin Register
OD3
OD2
OD1
OD0
IN1 Pin
IN0 Pin
FSI Pin
WAKE Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com