Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD33DP Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BYD33DP
Description  1.3A FAST RECOVERY PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYD33DP Datasheet(HTML) 2 Page - Frontier Electronics.

  BYD33DP Datasheet HTML 1Page - Frontier Electronics. BYD33DP Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYD33DP THRU BYD33MP
Page: 2
RATINGS AND CHARACTERISTIC CURVE BYD33DP THRU BYD33MP
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50OHMS
1.0 CYCLE
Fig. 3-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
35
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=150
oC
Pulse Width= 8.3ms
FIG. 4-TYPICAL JUNCTION CAPACITANCE
Tj=25
oC
f = 1 MHz
Vsig = 50 mVp-p
100
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
20
10
3
1
.3
.1
.03
.01
FIG. 5-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.8 1.0
1.2
1.4
1.6
1.8
2.0
2.2
INSTANTANEOUS FORWARD VOLTAGE, (V)
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
FIG. 6-TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ=100
oC
TJ=25
oC
1.5
1.3
1.0
0.5
0
TA-AMBIENT TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
SINGLE PHASE HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com