Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1084 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1084
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1084 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1084 Datasheet HTML 1Page - Sipex Corporation SPX1084 Datasheet HTML 2Page - Sipex Corporation SPX1084 Datasheet HTML 3Page - Sipex Corporation SPX1084 Datasheet HTML 4Page - Sipex Corporation SPX1084 Datasheet HTML 5Page - Sipex Corporation SPX1084 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 10/23/00
SPX1084
5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5, 2.5, 3.3 & 5.0V
• Power PC Supplies
• Output Current Of 5A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220 & TO-263
• Constant Current Regulators
• Similar To Industry Standard LT1085/LT1585
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The SPX1084 are low power 5A adjustable and fixed voltage regulators with 30V maximum VIN. They are very easy to use. It
requires only 2 external resistors to set the output voltage for adjustable version. The SPX1084 are designed for low voltage
applications that offers lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low
voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post
regulator for switching supplies applications. The SPX1084 features low dropout of a maximum of 1.2 volts.
The SPX1084 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into load, which
increases efficiency.
The SPX1084 are offered in 3-pin TO-220 and TO-263 packages compatible with other 3 terminal regulators. For a similar 5A low
dropout voltage regulator refer to the SPX1084 datasheet. Also for higher current requirements, refer to the SPX1084 datasheet.
Front View
TO-220-3 (U)
SPX1084
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
SPX1084
2
3
ADJ/GND V
OUT VIN
PIN CONNECTIONS


Similar Part No. - SPX1084

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AT-5.0 SIPEX-SPX1083AT-5.0 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU SIPEX-SPX1083AU Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU-3.3 SIPEX-SPX1083AU-3.3 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083U SIPEX-SPX1083U Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
More results

Similar Description - SPX1084

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com