Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8451Q Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA8451Q_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Freescale Semiconductor
Document Number: MMA8451Q
Data Sheet: Technical Data
Rev. 7.1, 05/2012
An Energy Efficient Solution by Freescale
© 2010-2012 Freescale Semiconductor, Inc. All rights reserved.
3-Axis,
14-bit/8-bit
Digital Accelerometer
The MMA8451Q is a smart low-power, three-axis, capacitive micromachined
accelerometer with 14 bits of resolution. This accelerometer is packed with
embedded functions with flexible user programmable options, configurable to two
interrupt pins. Embedded interrupt functions allow for overall power savings
relieving the host processor from continuously polling data. There is access to both
low-pass filtered data as well as high-pass filtered data, which minimizes the data
analysis required for jolt detection and faster transitions. The device can be
configured to generate inertial wakeup interrupt signals from any combination of
the configurable embedded functions allowing the MMA8451Q to monitor events
and remain in a low power mode during periods of inactivity. The MMA8451Q is
available in a 3 mm by 3 mm by 1 mm QFN package.
Features
•
1.95V to 3.6V supply voltage
•
1.6V to 3.6V interface voltage
•
±2g/±4g/±8g dynamically selectable full-scale
•
Output Data Rates (ODR) from 1.56 Hz to 800 Hz
•
99
μg/√Hz noise
•
14-bit and 8-bit digital output
•I2C digital output interface (operates to 2.25 MHz with 4.7 k
Ω pullup)
•
Two programmable interrupt pins for seven interrupt sources
•
Three embedded channels of motion detection
•
Freefall or Motion Detection: 1 channel
•
Pulse Detection: 1 channel
•
Jolt Detection: 1 channel
•
Orientation (Portrait/Landscape) detection with programmable hysteresis
•
Automatic ODR change for Auto-WAKE and return to SLEEP
•
32-sample FIFO
•
High-Pass Filter Data available per sample and through the FIFO
•Self-Test
•
RoHS compliant
•
Current Consumption: 6
μA – 165 μA
Typical Applications
•
eCompass applications
•
Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/
Front position identification)
•
Notebook, eReader and Laptop Tumble and Freefall Detection
•
Real-time orientation detection (virtual reality and gaming 3D user position feedback)
•
Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
•
Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)
•
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
•
User interface (menu scrolling by orientation change, tap detection for button replacement)
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MMA8451QT
-40°C to +85°C
QFN-16
Tray
MMA8451QR1
-40°C to +85°C
QFN-16
Tape and Reel
16 PIN QFN
3 mm by 3 mm by 1 mm
CASE 2077-02
MMA8451Q
Top and Bottom View
Top View
Pin Connections
1
2
3
4
59
10
11
12
13
14
15
16
8
7
6
VDDIO
BYP
NC
SCL
GND
NC
GND
INT1
GND
INT2


Similar Part No. - MMA8451Q_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451QR1 FREESCALE-MMA8451QR1 Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8451QR1 NXP-MMA8451QR1 Datasheet
947Kb / 59P
MMA8451Q, 3-axis, 14-bit/8-bit digital accelerometer
Rev. 10.3, 02/2017
More results

Similar Description - MMA8451Q_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com