Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8451Q Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MMA8451Q
Sensors
8
Freescale Semiconductor, Inc.
2.3
I2C Interface Characteristic
Figure 5. I2C Slave Timing Diagram
Table 4. I2C Slave Timing Values(1)
1. All values referred to VIH (min) and VIL (max) levels.
Parameter
Symbol
I2C Fast Mode
Unit
Min
Max
SCL Clock Frequency
Pullup = 4.7 k
Ω, Cb = 20 pF
Pullup = 4.7 k
Ω, Cb = 40 pF
Pullup = 4.7 k
Ω, Cb = 400 pF
Pullup = 1 k
Ω, Cb = 20 pF
Pullup = 1 k
Ω, Cb = 400 pF
fSCL
0
0
0
0
0
2.250
100
Nonfunctional
4.50
750
MHz
kHz
—
MHz
kHz
Bus Free Time between STOP and START Condition
tBUF
1.3
μs
Repeated START Hold Time
tHD;STA
0.6
μs
Repeated START Setup Time
tSU;STA
0.6
μs
STOP Condition Setup Time
tSU;STO
0.6
μs
SDA Data Hold Time(2)
2. tHD;DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
tHD;DAT
0.5
0.9(3)
3. The maximum tHD;DAT could be 3.45 μs and 0.9 μs for Standard mode and Fast mode, but must be less than the maximum of tVD;DAT or tVD;ACK
by a transition time.
μs
SDA Valid Time (4)
4. tVD;DAT = time for Data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;DAT
0.9(3)
μs
SDA Valid Acknowledge Time (5)
5. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;ACK
0.9(3)
μs
SDA Setup Time
tSU;DAT
100(6)
6. A Fast mode I2C device can be used in a Standard mode I2C system, but the requirement tSU;DAT 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the
SCL signal, it must output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard mode I
2C
specification) before the SCL line is released. Also the acknowledge timing must meet this setup time
ns
SCL Clock Low Time
tLOW
4.7
μs
SCL Clock High Time
tHIGH
4
μs
SDA and SCL Rise Time
tr
1000
ns
SDA and SCL Fall Time (7) (8)
7. Cb = total capacitance of one bus line in pF.
8. The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at 250 ns.
This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
tf
300
ns
Pulse width of spikes on SDA and SCL that must be suppressed by input filter
tSP
50
ns
handbook, full pagewidth
MSC610
S
Sr
tSU;STO
tSU;STA
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
tf
SDA
SCL
P
S
tBUF
tr
tf
tr
tSP
tHD;STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com