| Electronic Components Datasheet Search |
|
MPC5554MVR112 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5554MVR112 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 58 page ![]() Ordering Information MPC5554 Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 3 2 Ordering Information Figure 1. MPC5500 Family Part Number Example Unless noted in this data sheet, all specifications apply from TL to TH. Table 1. Orderable Part Numbers Freescale Part Number1 1 All devices are PPC5554, rather than MPC5554, until product qualifications are complete. Not all configurations are available in the PPC parts. Package Description Speed (MHz) Operating Temperature 2 2 The lowest ambient operating temperature is referenced by T L; the highest ambient operating temperature is referenced by TH. Nominal Max. 3 (fMAX) 3 Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed including frequency modulation (FM). 82 MHz parts allow for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM; and132 MHz parts allow for 128 MHz system clock + 2% FM. Min. (TL)Max. (TH) MPC5554MVR132 MPC5554 416 package Lead-free (PbFree) 132 132 –40° C 125° C MPC5554MVR112 112 114 MPC5554MVR80 80 82 MPC5554AVR132 132 132 –55° C 125° C MPC5554MZP132 MPC5554 416 package Leaded (SnPb) 132 132 –40° C 125° C MPC5554MZP112 112 114 MPC5554MZP80 80 82 MPC5554AZP132 132 132 –55° C 125° C MPC M 80 R Qualification status Core code Device number Temperature range Package identifier Operating frequency (MHz) Tape and reel status Temperature Range M = –40° C to 125° C A = –55° C to 125° C Package Identifier ZP = 416PBGA SnPb VR = 416PBGA Pb-free Operating Frequency 80 = 80 MHz 112 = 112 MHz 132 = 132 MHz Tape and Reel Status R2 = Tape and reel (blank) = Trays Qualification Status P = Pre qualification M = Fully spec. qualified 5554 ZP Note: Not all options are available on all devices. Refer to Table 1. 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |