Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5554MVR80 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC5554MVR80
Description  Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MVR80 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC5554MVR80 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5554MVR80 Datasheet HTML 58Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
Revision History for the MPC5554 Data Sheet
MPC5554 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
55
Section 3.7, “Power-Up/Down Sequencing
Last paragraph: Changed the first sentence FROM , , , the voltage on the pins goes to high-impedance until . . .
TO. . .the pins go to a high-impedance state until . . .
Section 3.7.3, “Power-Down Sequence (VRC33 Grounded)”
Last sentence: Changed from: ‘This ensures that the digital 1.5 V logic, which is reset by the ORed POR only and
can cause the 1.5 V supply to decrease below its specification, is reset properly.’
To: ‘This ensures that the digital 1.5 V logic, which is reset only by an ORed POR and can cause the 1.5 V supply
to decrease less than its specification, resets correctly.’
Section 4.1, “MPC5553546667 416 PBGA Pinout”
Added the following NOTE before the 416 BGA Map:
NOTE
The MPC5500 devices are pin compatible for software portability and use the primary
function names to label the pins in the BGA diagram. Although some devices do not support
all the primary functions shown in the BGA diagram, the muxed and GPIO signals on those
pins remain available. See the signals chapter in the device reference manual for the signal
muxing.
Table 5 (ESD Ratings ,) ESD Ratings:
Changed footnote 2 from:
• ‘Device failure is defined as: ‘If after exposure to ESD pulses, the device no longer meets the device specification
requirements. Complete DC parametric and functional testing will be performed per applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.’
to:
• Device failure is defined as: ‘If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.
Table 6 (VRC and POR Electrical Specifications) VCR/POR Electrical Specifications:
• Added footnote 1 to specs 1, 2, and 3 that reads: The internal POR signals are VPOR15, VPOR33, and VPOR5.
On power up, assert RESET before the internal POR negates. RESET must remain asserted until the power
supplies are within the operating conditions as specified in Table 9 DC Electrical Specifications. On power down,
assert RESET before any power supplies fall outside the operating conditions and until the internal POR asserts.
• Reformatted columns.
Table 9 (DC Electrical Specifications (TA = TL to TH)) DC Electrical Specifications:
• Added footnote that reads: VDDE2 and VDDE3 are limited to 2.25–3.6 V only if SIU_ECCR[EBTS] = 0; VDDE2 and
VDDE3 have a range of 1.6–3.6 V if SIU_ECCR[EBTS] =1.
• Added (TA = TL to TH) to the table title.
Table 14 (Flash Program and Erase Specifications (TA = TL to TH)) Flash Program and Erase Specifications (TA = TL to TH)
• Footnote 1, Changed ‘Typical program and erase times assume nominal supply values and operation at 25 oC’
to ‘Typical program and erase times are calculated at 25 oC operating temperature using nominal supply values..’
Table 17 (Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)) Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
• Footnote 1, changed ‘VDDEH = 4.5–5.5;’ to ‘VDDEH = 4.5–5.25;’
Table 19 (Reset and Configuration Pin Timing) Reset and Configuration Pin Timing:
• Footnote 1: Removed VDD = 1.35–1.65 V.
Table 28. Changes Between Rev. 2.0 and 3.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com