Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1129 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1129
Description  500mA Low Dropout Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1129 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX1129 Datasheet HTML 1Page - Sipex Corporation SPX1129 Datasheet HTML 2Page - Sipex Corporation SPX1129 Datasheet HTML 3Page - Sipex Corporation SPX1129 Datasheet HTML 4Page - Sipex Corporation SPX1129 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 5 page
background image
8
Date: 5/25/04
SPX1129 400mA Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
PART NUMBER
ACCURACY
TEMPERATURE OUTPUT VOLTAGE
PACKAGES
SPX1129M3-3.3 ................ 1% ........................ -40°C to 125°C ................... 3.3V ................... 3-Pin SOT-223
SPX1129M3-3.3/TR ........... 1% ........................ -40°C to 125°C ................... 3.3V ................... 3-Pin SOT-223
SPX1129M3-5.0 ................ 1% ........................ -40°C to 125°C ................... 5.0V ................... 3-Pin SOT-223
SPX1129M3-5.0/TR ........... 1% ........................ -40°C to 125°C ................... 5.0V ................... 3-Pin SOT-223
SPX1129R-3.3 ................... 1% ........................ -40°C to 125°C ................... 3.3V ..................... 3-Pin TO-252
SPX1129R-3.3/TR ............. 1% ........................ -40°C to 125°C ................... 3.3V ..................... 3-Pin TO-252
SPX1129R-5.0 ................... 1% ........................ -40°C to 125°C ................... 5.0V ..................... 3-Pin TO-252
SPX1129R-5.0/TR ............. 1% ........................ -40°C to 125°C ................... 5.0V ..................... 3-Pin TO-252
SPX1129T3-3.3 ................. 1% ........................ -40°C to 125°C ................... 3.3V ..................... 3-Pin TO-263
SPX1129T3-3.3/TR ........... 1% ........................ -40°C to 125°C ................... 3.3V ..................... 3-Pin TO-263
SPX1129T3-5.0 ................. 1% ........................ -40°C to 125°C ................... 5.0V ..................... 3-Pin TO-263
SPX1129T3-5.0/TR ........... 1% ........................ -40°C to 125°C ................... 5.0V ..................... 3-Pin TO-263
SPX1129U-3.3 ................... 1% ........................ -40°C to 125°C ................... 3.3V ..................... 3-Pin TO-220
SPX1129U-5.0 ................... 1% ........................ -40°C to 125°C ................... 5.0V ..................... 3-Pin TO-220
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1129T3-5.0/TR = standard; SPX1129T3-L-5.0/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263, 2,000 for TO-252 and 2,500 for SOT-223.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com