Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1129 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1129
Description  500mA Low Dropout Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1129 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1129 Datasheet HTML 1Page - Sipex Corporation SPX1129 Datasheet HTML 2Page - Sipex Corporation SPX1129 Datasheet HTML 3Page - Sipex Corporation SPX1129 Datasheet HTML 4Page - Sipex Corporation SPX1129 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Date: 5/25/04
SPX1129 400mA Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
SPX1129
DESCRIPTION
FEATURES
■ 1% Output Accuracy 3.3V, 5V,
at 500mA Output
■ Very Low Quiescent Current
■ 0.42V Dropout Voltage at 400mA
■ Extremely Tight Load and Line Regulation
■ Current & Thermal Limiting
■ Reverse Battery Protection
■ Equivalent Replacement For LT1129
APPPLICATIONS
■ Power Supply
■ Communications Equipment
■ Computers and Peripherals
®
The SPX1129 is a low power voltage regulator. This device is an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems, and portable computers. The SPX1129
features very low quiescent current and very low dropout voltage of 0.42 volts. This includes a tight initial
tolerance of ±1% max, and a very low output temperature coefficient, making the SPX1129 useful as a low-
power voltage reference.
The SPX1129 is offered in a SOT-223, TO-220, TO-252 & TO-263 3 lead packages.
400mA Low Dropout Voltage Regulator
+
2.2µF
+
SPX1129
I
IN
I
G
I
L
5V
IN
OUT
GND
LOAD
I
IN = IL + IG
V
IN
0.1µF
Fixed +5V Regulator Circuit..
TYPICAL APPLICATION CIRCUIT
GND
V
OUT
V
IN
3
2
1
SPX1129
3 Pin TO-220
12
3
SPX1129
3 Pin TO-263
GND
V
IN
V
OUT
V
OUT
GND
V
IN
TO-252
3
2
1
SPX1129
12
3
SPX1129
3 Pin TO-263
GND
V
IN
V
OUT
Now Available in Lead Free Packaging


Similar Part No. - SPX1129

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3-3 SIPEX-SPX1129M3-3-3 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3-3/TR SIPEX-SPX1129M3-3-3/TR Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3.3 SIPEX-SPX1129M3-3.3 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1129

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com