Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF2VMM1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF2VMM1
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VMM1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPC5643LFF2VMM1 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 x 0.8 mm)
(20 x 20 x 1.4 mm)
144 LQFP
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5643L
Rev. 8.1, 5/2012
© Freescale Semiconductor, Inc., 2009–2012. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MPC5643L
Qorivva MPC5643L
Microcontroller Data Sheet
•
High-performance e200z4d dual core
—
32-bit Power Architecture® technology CPU
—
Core frequency as high as 120 MHz
—
Dual issue five-stage pipeline core
—
Variable Length Encoding (VLE)
—
Memory Management Unit (MMU)
—
4 KB instruction cache with error detection code
—
Signal processing engine (SPE)
•
Memory available
—
1 MB flash memory with ECC
—
128 KB on-chip SRAM with ECC
—
Built-in RWW capabilities for EEPROM emulation
•
SIL3/ASILD innovative safety concept: LockStep mode
and Fail-safe protection
—
Sphere of replication (SoR) for key components (such
as CPU core, eDMA, crossbar switch)
—
Fault collection and control unit (FCCU)
—
Redundancy control and checker unit (RCCU) on
outputs of the SoR connected to FCCU
—
Boot-time Built-In Self-Test for Memory (MBIST)
and Logic (LBIST) triggered by hardware
—
Boot-time Built-In Self-Test for ADC and flash
memory triggered by software
—
Replicated safety enhanced watchdog
—
Replicated junction temperature sensor
—
Non-maskable interrupt (NMI)
—
16-region memory protection unit (MPU)
—
Clock monitoring units (CMU)
—
Power management unit (PMU)
—
Cyclic redundancy check (CRC) unit
—
Decoupled Parallel mode for high-performance use
of replicated cores
•
Nexus Class 3+ interface
•
Interrupts
—
Replicated 16-priority controller
—
Replicated 16-channel eDMA controller
•
GPIOs individually programmable as input, output or
special function
•
Three 6-channel general-purpose eTimer units
•
2 FlexPWM units
—
Four 16-bit channels per module
•
Communications interfaces
—
2 LINFlexD channels
—
3 DSPI channels with automatic chip select
generation
—
2 FlexCAN interfaces (2.0B Active) with 32 message
objects
—
FlexRay module (V2.1 Rev. A) with 2 channels, 64
message buffers and data rates up to 10 Mbit/s
•
Two 12-bit analog-to-digital converters (ADCs)
—
16 input channels
—
Programmable cross triggering unit (CTU) to
synchronize ADCs conversion with timer and PWM
•
Sine wave generator (D/A with low pass filter)
•
On-chip CAN/UART bootstrap loader
•
Single 3.0 V to 3.6 V voltage supply
•
Ambient temperature range –40 °C to 125 °C
•
Junction temperature range –40 °C to 150 °C


Similar Part No. - SPC5643LFF2VMM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LFF2MLL6 NXP-SPC5643LFF2MLL6 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1 NXP-SPC5643LFF2MLQ1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1R NXP-SPC5643LFF2MLQ1R Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MMM1 NXP-SPC5643LFF2MMM1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MMM1R NXP-SPC5643LFF2MMM1R Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LFF2VMM1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
MPC5642A FREESCALE-MPC5642A Datasheet
1Mb / 120P
Qorivva MPC5642A Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
Qorivva MPC5645S Microcontroller Data Sheet
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
Qorivva MPC5554 Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com