Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX116 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX116
Description  Low Dropout Voltage Three Terminal Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX116 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX116 Datasheet HTML 1Page - Sipex Corporation SPX116 Datasheet HTML 2Page - Sipex Corporation SPX116 Datasheet HTML 3Page - Sipex Corporation SPX116 Datasheet HTML 4Page - Sipex Corporation SPX116 Datasheet HTML 5Page - Sipex Corporation SPX116 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPX116
Low Dropout Voltage Three Terminal Regulator
Rev. 8/21/01
SPX116 Low Dropout Voltage Three Terminal Regulator
©Copyright 2001 Sipex Corporation
1
FEATURES
APPLICATION
•
3.3V and 3.5V Versions
•
Portable Instrumentation
•
Output Current in Excess of 100 mA
•
Cordless Telephones
•
Input-Output Differential of 0.3V at 100mA
•
Radio Control Systems
•
Mirror-Image Insertion Protection
•
Battery Powered Systems
•
Internal Thermal Protection
•
Portable Consumer Devices
•
Available in TO-92 and SOT-89 Packages
•
Pagers
•
Reverse Battery, Internal Short Circuit, Reverse Transient and
Load Dump Protection
•
Cellular Phones
•
Low Voltage Systems
•
Output Accuracy at 25
oC
•
Direct Replacement for TK116
PRODUCT DESCRIPTION
The SPX116 is a low power, positive voltage regulator. This device is an excellent choice for use in battery-powered applications such
as cordless telephones, radio control systems, and portable computers. The SPX116 features offers very low quiescent currents
(0.4 mA), and very low drop output voltage (50 mV at light load and 300 mV at 100 mA). The SPX116 is a direct replacement for the
TK116. The SPX116 is offered in a 3-pin TO-92 and SOT-89 package.
TYPICAL APPLICATION
SPX116
V
IN
C
1
V
OUT
1
µF
4.7
µF
Gnd


Similar Part No. - SPX116

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116M1-3.3 SIPEX-SPX116M1-3.3 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116M1-3.5 SIPEX-SPX116M1-3.5 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116N-3.3 SIPEX-SPX116N-3.3 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116N-3.5 SIPEX-SPX116N-3.5 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
More results

Similar Description - SPX116

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com