Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LF2VLQ8 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # SPC5643LF2VLQ8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF2VLQ8 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF2VLQ8 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 24Page - Freescale Semiconductor, Inc SPC5643LF2VLQ8 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
21
— Auxiliary input port
•EVTI (event in) pin
•
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
— Supports JTAG mode
•
Host processor (e200) development support features
— Data trace via data write messaging (DWM) and data read messaging (DRM). This allows the development tool
to trace reads or writes, or both, to selected internal memory resources.
— Ownership trace via ownership trace messaging (OTM). OTM facilitates ownership trace by providing visibility
of which process ID or operating system task is activated. An ownership trace message is transmitted when a
new process/task is activated, allowing development tools to trace ownership flow.
— Program trace via branch trace messaging (BTM). Branch trace messaging displays program flow discontinuities
(direct branches, indirect branches, exceptions, etc.), allowing the development tool to interpolate what
transpires between the discontinuities. Thus, static code may be traced.
— Watchpoint messaging (WPM) via the auxiliary port
— Watchpoint trigger enable of program and/or data trace messaging
— Data tracing of instruction fetches via private opcodes
1.5.39
IEEE 1149.1 JTAG Controller (JTAGC)
The JTAGC block provides the means to test chip functionality and connectivity while remaining transparent to system logic
when not in test mode. All data input to and output from the JTAGC block is communicated in serial format. The JTAGC block
is compliant with the IEEE standard.
The JTAG controller provides the following features:
•
IEEE Test Access Port (TAP) interface with 5 pins:
—TDI
—TMS
—TCK
—TDO
—JCOMP
•
Selectable modes of operation include JTAGC/debug or normal system operation
•
5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
—BYPASS
— IDCODE
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
3 test data registers: a bypass register, a boundary scan register, and a device identification register. The size of the
boundary scan register is parameterized to support a variety of boundary scan chain lengths.
•
TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
1.5.40
Voltage regulator / Power Management Unit (PMU)
The on-chip voltage regulator module provides the following features:
•
Single external rail required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com