Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1580 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1580
Description  7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1580 Datasheet HTML 1Page - Sipex Corporation SPX1580 Datasheet HTML 2Page - Sipex Corporation SPX1580 Datasheet HTML 3Page - Sipex Corporation SPX1580 Datasheet HTML 4Page - Sipex Corporation SPX1580 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
SPX1580
DESCRIPTION
FEATURES
■ Low Dropout Voltage 540mV at 7A Full Load Current
■ Adjustable Ouput Down to 1.25V from ATX Power Supply
■ Fixed Output Voltages of 3.3V and 2.5V
■ Extremely Tight Load and Line Regulation
■ Standard 5-Terminal Low Cost TO-220 and TO-263
■ Replacement to Industry Standard LT1580
®
The SPX1580 is a 7A Low Dropout Regulator with extremely low dropout voltage. The adjustable version
requires only two external resistors to set the output voltage. The fixed version has a preset output of 3.3V
or 2.5V and does not require any external resistors. The SPX1580 features a low dropout of 540mV(Typ.)
and offers fast transient response. This device is suitable for Pentium applications requiring 2.5V from 3.3V
ATX power supplies, where a low current input voltage 1V greater than the output voltage is available. With
an external sense pin the load regulation is less than 1mV. This device is an excellent choice for the use
of powering low voltage microprocessors that require a lower dropout, fast transient response to regulate
from 3.3V and 5V supplies. The SPX1580 is also an excellent choice as a post regulator for switching
supplies applications.
The SPX1580 offers protection against over-current faults, reversed input polarity, over temperature
operation and positive and negative transient voltage.
The SPX1580 is offered in a 5 pin TO-220 and TO-263 compatible with industry standard 5-terminal
regualtors. For 5A, 3A and 1.5A ultra low dropout versions refer to SPX1581, SPX1582 and SPX1583 data
sheets respectively.
7A Ultra Dropout Voltage Regulator
Fast Response, Adjustable & Fixed
APPLICATIONS
■ 3.3V ATX Power Supplies
■ 3.3V to 2.9V for Portable PENTIUMTM Processor
■ 5V to 3.5V VRE Supply
■ High efficiency "Green" Computer Systems
C4
68µF
2.5V
VOUT
R1
124Ω
R2
124Ω
VOUT
SENSE
C2
10µF
VCTRL
C1
33µF
3.3V
VIN
5V
VCTRL
SPX1580
5
4
2
3
1
(1) VCTRL needed when VIN < 5V.
(2) VOUT = VREF (1+R2/R1)+IADJ R2.
(3) VREF is measured across adjust to sense.
ADJ
VIN
C4
68µF
2.5V
VOUT
VOUT
SENSE
C2
10µF
VCTRL
C1
33µF
3.3V
VIN
5V
VCTRL
SPX1580
5
4
2
3
1
(1) VCTRL needed when VIN < 5V.
GND
VIN
3
2
1
SPX1580
5 Pin TO-220
4 5
12
3
SPX1580
5 Pin TO-263
TYPICAL APPLICATIONS CIRCUITS
Now Available in Lead Free Packaging


Similar Part No. - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5 SIPEX-SPX1580T5 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5 SIPEX-SPX1580T5-2.5 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5/TR SIPEX-SPX1580T5-2.5/TR Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-3.3 SIPEX-SPX1580T5-3.3 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com