Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1580 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1580
Description  7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1580 Datasheet HTML 1Page - Sipex Corporation SPX1580 Datasheet HTML 2Page - Sipex Corporation SPX1580 Datasheet HTML 3Page - Sipex Corporation SPX1580 Datasheet HTML 4Page - Sipex Corporation SPX1580 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
6
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN TO-220
.160
-
.190
Dimensions in
(inches)
5 PIN TO-220
.015
-
.040
A
b
C1
D
E
MIN
NOM
MAX
e
e1
F
H1
J1
∆P
Q
U
V
L
.014
-
.022
.560
-
.590
.385
-
.415
.385
-
.415
.062
-
.072
.045
-
.055
.234
-
.258
.090
-
.115
.540
-
.560
.146
-
.156
.103
-
.113
-
.30
-
-
.24
-
L1
-
.250
D
B
SEATING
PLANE
F
A
CHAMFER
OPTIONAL
C1
J1
A
A
E
øP
Q
D
D1
E/2
L
L1
C C
D
D
b
e1
H1
e
5 PIN TO-220



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com