Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1583 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1583
Description  1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1583 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1583 Datasheet HTML 1Page - Sipex Corporation SPX1583 Datasheet HTML 2Page - Sipex Corporation SPX1583 Datasheet HTML 3Page - Sipex Corporation SPX1583 Datasheet HTML 4Page - Sipex Corporation SPX1583 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Date: 5/14/04
SPX1583
1.5A Ultra Low Dropout Voltage Regulator
Fast Response, Adjustable & Fixed
FEATURES
APPLICATIONS
• Low Dropout Voltage 500mV at 1.5A Full Load Current
• 3.3V to 2.8V ATX Power Supplies
• Adjustable Output Down to 1.2V from ATX Power Supply
• 3.3V to 2.9V for Portable PENTIUM
 Processor
• Fixed Output Voltages of 3.3V, 2.8V, 2.5V, and 1.5V
• 5V to 3.5V VRE Supply
• Extremely Tight Voltage and Line Regulation
• High Efficiency “Green” Computer Systems
• Standard 5-Terminal Low Cost TO-220 & TO-263
PRODUCT DESCRIPTION
The SPX1583 is a 1.5A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only two
external resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does not require any
external resistors. The SPX1583 features a low dropout of less than 400mV(typ.) and offers fast transient response. This device is
suitable for Pentium applications requiring 2.8V or 2.5V from 3.3V ATX power supplies, where a low current input voltage 1V
greater than the output voltage is needed. With an external sense pin the load regulation is less than 1mV. This device is an excellent
choice for the use in powering low voltage microprocessors that require a lower dropout, fast transient response to regulate from 3.3V
and 5V supplies. The SPX1583 is also an excellent choice as a post regulator for switching supplies applications.
The SPX1583 offers full protection against over-current faults, reversed input polarity, over temperature operation and positive and
negative transient voltage.
The SPX1583 is offered in a 5 pin TO-220 and TO-263 compatible with industry standard 5-terminal regulators. For 7A, 5A and 3A
ultra low dropout versions refer to SPX1580, SPX1581 and SPX1582 data sheets respectively.
PIN CONNECTIONS
TO-263-5 (T)
Top View
45
SPX1583
12 3
1. SENSE
2. ADJ or FIXED
3. V
OUT
4. V
CTRL
5. V
IN
TO-220-5 (U)
Front View
5
4
3
2
1
SPX1583
1. SENSE
2. ADJ or FIXED
3. V
OUT
4. V
CTRL
5. V
IN


Similar Part No. - SPX1583

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1583T SIPEX-SPX1583T Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-2.5 SIPEX-SPX1583T-2.5 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1583

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com