Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34D Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GL34D
Description  0.5A SURFACE MOUNT SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GL34D Datasheet(HTML) 2 Page - Frontier Electronics.

  GL34D Datasheet HTML 1Page - Frontier Electronics. GL34D Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GL34A THRU GL34J
Page: 2
RATINGS AND CHARACTERISTIC CURVES GL34A THRU GL34J
FIG. 1 - FORWARD CURRENT DERATING CURVE
0.5
0.4
0.3
0.2
0
25
50
75
100
125
150
175
TERMINAL TEMPERATURE
℃
10
8.0
6.0
4.0
2.0
0
1
2
4
6
8
10
20
40
60
80 100
NUMBER OF CYCLES AT 60HZ
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
60HZ
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
Pulse Width 300us
2% Duty Cycle
TJ = 25℃
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 100℃
TJ = 25℃
30
10
5
1
1
5
10
50
100
REVERSE VOLTAGE VOLTS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
℃
TJ=75
℃
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com