Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2955 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2955
Description  350mA Low Drop Out Voltage Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2955 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2955 Datasheet HTML 1Page - Sipex Corporation SPX2955 Datasheet HTML 2Page - Sipex Corporation SPX2955 Datasheet HTML 3Page - Sipex Corporation SPX2955 Datasheet HTML 4Page - Sipex Corporation SPX2955 Datasheet HTML 5Page - Sipex Corporation SPX2955 Datasheet HTML 6Page - Sipex Corporation SPX2955 Datasheet HTML 7Page - Sipex Corporation SPX2955 Datasheet HTML 8Page - Sipex Corporation SPX2955 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 11/21/00
FEEDBACK
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
5V TAP
SENSE
5V @ 350mA
MAX
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
Ω ..
60k
330k
180k
Ω ..
Ω ..
µ ..
1 F
_
_
SPX2955/56/57 Block Diagram
SPX2955/56/57



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com