Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX431C Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX431C
Description  Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431C Datasheet(HTML) 1 Page - Sipex Corporation

  SPX431C Datasheet HTML 1Page - Sipex Corporation SPX431C Datasheet HTML 2Page - Sipex Corporation SPX431C Datasheet HTML 3Page - Sipex Corporation SPX431C Datasheet HTML 4Page - Sipex Corporation SPX431C Datasheet HTML 5Page - Sipex Corporation SPX431C Datasheet HTML 6Page - Sipex Corporation SPX431C Datasheet HTML 7Page - Sipex Corporation SPX431C Datasheet HTML 8Page - Sipex Corporation SPX431C Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 10/30/00
SPX431C
Precision Adjustable Shunt Regulator
FEATURES
APPLICATIONS
•
Wide Operating Current…………………….1mA to 150mA
•
Battery Operating Equipments
•
Extended Termperature Range……………………… 105
°°°°C
•
Adjustable Supplies
•
Low Temperature Coeffecient 30 ppm/
°C
•
Switching Power Supplies
•
Offered in TO-92, SOT-89 & SOT-23-5 Packages
•
Error Amplifiers
•
Improved Replacement in Performance for TL431
•
Single Supply Amplifier
•
Low Cost Solution
•
Monitors / VCR / TV
•
Personal Computers
PRODUCT DESCRIPTION
The SPX431C is a 3-Terminal Adjustable Shunt Voltage Regulator providing a highly accurate bandgap reference. SPX431C acts as
an open-loop error amplifier with a 2.5V temperature compensation reference. The SPX431C thermal stability, wide operating current
(150mA) and temperature range (105
°C) makes it suitable for all variety of applications that are looking for a low cost solution with
high performance.
The output voltage may be adjusted to any value between VREF and 36V with 2 external resistors. The SPX431C is operating in full
industrial temperature range of 0°C to 105°C. The SPX431C is available in TO-92, SOT-23-5 and SOT-89 packages.
PIN CONFIGURATION
2.5V
+
-
REFERENCE
(R)
CATHODE (K)
ANODE (A)
Bottom View
TO-92 (N)
13
2
CATHODE
ANODE
REF
SOT-23-5 (M5)
3
2
1
Top View
SPX431C
54
Top View
SPX431C
SOT-89 (M1)
1
2
3
REF
ANODE
CATHODE
REF
ANODE
CATHODE
N/C N/C


Similar Part No. - SPX431C

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX431C SIPEX-SPX431C Datasheet
112Kb / 12P
Precision Adjustable Shunt Regulator
SPX431CM SIPEX-SPX431CM Datasheet
1Mb / 13P
Precision Adjustable Shunt Regulator
SPX431CM/TR SIPEX-SPX431CM/TR Datasheet
1Mb / 13P
Precision Adjustable Shunt Regulator
SPX431CM1 SIPEX-SPX431CM1 Datasheet
1Mb / 13P
Precision Adjustable Shunt Regulator
SPX431CM1/TR SIPEX-SPX431CM1/TR Datasheet
1Mb / 13P
Precision Adjustable Shunt Regulator
More results

Similar Description - SPX431C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com