Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX5205 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX5205
Description  150 mA, Low-Noise LDO Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX5205 Datasheet HTML 1Page - Sipex Corporation SPX5205 Datasheet HTML 2Page - Sipex Corporation SPX5205 Datasheet HTML 3Page - Sipex Corporation SPX5205 Datasheet HTML 4Page - Sipex Corporation SPX5205 Datasheet HTML 5Page - Sipex Corporation SPX5205 Datasheet HTML 6Page - Sipex Corporation SPX5205 Datasheet HTML 7Page - Sipex Corporation SPX5205 Datasheet HTML 8Page - Sipex Corporation SPX5205 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 10/24/00
V
OUT
GND
SPX5205
Top View
EN
BYP
(Optn)
V
IN
+
+
Fig. 1
1
2
3
5
4
Hi-ON
Lo-OFF
SPX5205
Application Hints
The SPX5205 requires an output capacitor for device stability.
The value required varies greatly depending upon the
application circuit.
The high frequency characteristics of
electrolytic capacitors depend greatly on the type and also on
the manufacturer. Sometimes bench testing is the only means
to determine the proper capacitor type and value. The high
quality 2.2
µF aluminum electrolytic capacitor covers all
general application circuits; this stability can be obtained with
a tantalum electrolytic value of 1
µF.
In general, linear regulator stability decreases with higher
output currents.
In most applications the SPX5205 is
operating at few milliamps. In these applications the output
capacitance can be further reduced. For example, when the
regulator is running at 10mA output current the output
capacitance value is half compared to the same regulator
that is running at 150mA.
With the SPX5205 adjustable regulator, the minimum value
of output capacitance is a function of the output voltage.
The value decreases with higher output voltages, since the
closed loop gain is increased.
Typical Applications Circuits
The SPX5205 provides access to the internal reference. A 10
µF capacitor on the BYP pin will provide a significant reduction in
output noise. This pin may be left unconnected if the output noise is not a major concern. The SPX5205 start-up speed is inversely
proportional to the size of this capacitor. Applications requiring a slow ramp-up of output voltage should consider larger values of
CBYP. If the rapid turn-ON is necessary, omit bypass capacitor.
Figure 1 shows SPX5205 standard application circuit. The EN pin is pulled high (>2.0V) to enable the regulator. To disable the
regulator, EN < 0.6V.
The SPX5205 in figure 2 shows adjustable output voltage configuration. Two resistors set the output voltage. The formula for output
voltage is:
Resistor values are not critical as the ADJ pin has high input impedance, for best results use resistors of 47k
Ω or less. A capacitor
from ADJ to ground will provide improved noise performance.
V
IN
V
OUT
GND
Top View
EN
Byp
(Optn)
+
+
ADJ
R1
R2
Fig. 2
Hi-ON
Lo-OFF
1
2
3
4
5
SPX5205
R1
R2
VOUT = 1.235 x 1+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com