Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX431LCS Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX431LCS
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LCS Datasheet(HTML) 8 Page - Sipex Corporation

  SPX431LCS Datasheet HTML 1Page - Sipex Corporation SPX431LCS Datasheet HTML 2Page - Sipex Corporation SPX431LCS Datasheet HTML 3Page - Sipex Corporation SPX431LCS Datasheet HTML 4Page - Sipex Corporation SPX431LCS Datasheet HTML 5Page - Sipex Corporation SPX431LCS Datasheet HTML 6Page - Sipex Corporation SPX431LCS Datasheet HTML 7Page - Sipex Corporation SPX431LCS Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev. 10/30/00
SPX431L
ORDERING INFORMATION
Ordering No. Precision Output Voltage
Packages
SPX431LM
1%
2.5V
5 Lead SOT-23
SPX431LAM
0.5%
2.5V
5 Lead SOT-23
SPX431LCM
2%
2.5V
5 Lead SOT-23
SPX431LM1
1%
2.5V
3 Lead SOT-89
SPX431LAM1
0.5%
2.5V
3 Lead SOT-89
SPX431LCM
2%
2.5V
3 Lead SOT-89
SPX431LN
1%
2.5V
3 Lead TO-92
SPX431LAN
0.5%
2.5V
3 Lead TO-92
SPX431LCN
2%
2.5V
3 Lead TO-92
SPX431LS
1%
2.5V
8 Lead SOIC
SPX431LAS
0.5%
2.5V
8 Lead SOIC
SPX431LCS
2%
2.5V
8 Lead SOIC
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com