Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL34118N Datasheet(PDF) 9 Page - System Logic Semiconductor

Part # SL34118N
Description  Voice Switched Speakerphone Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34118N Datasheet(HTML) 9 Page - System Logic Semiconductor

Back Button SL34118N Datasheet HTML 4Page - System Logic Semiconductor SL34118N Datasheet HTML 5Page - System Logic Semiconductor SL34118N Datasheet HTML 6Page - System Logic Semiconductor SL34118N Datasheet HTML 7Page - System Logic Semiconductor SL34118N Datasheet HTML 8Page - System Logic Semiconductor SL34118N Datasheet HTML 9Page - System Logic Semiconductor SL34118N Datasheet HTML 10Page - System Logic Semiconductor SL34118N Datasheet HTML 11Page - System Logic Semiconductor SL34118N Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SL34118
System Logic
Semiconductor
SLS
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage (Pin 4)
3.5
6.5
V
VIN
Input Voltage at CD (Pin 3), MUT (Pin12)
0
VCC
V
IVB
VB Current (Pin 15)
500
µA
VIN
Input Voltage at VLC (Pin 13)
0.3 x VB
VB
V
VIN
Attenuator Input Signal Voltage (Pins 9, 21)
0
350
mVrms
G
Microphone Amplifier, Hybrid Amplifier Gain
0
40
dB
IL
Load Current RXO, TXO Pins 8,22)
MCO (Pin 10)
HTO-, HTO+ (Pins 6,5)
0
0
0
2.0
1.0
5.0
mA
TA
Operating Temperature
-25
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
ELECTRICAL CHARACTERISTICS(T
A = -25 to +70
°C, V
CC = 5.0 V , CD = 0.8 V, unless noted)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
POWER SUPPLY
ICC
VCC Sypply Current
VCC =6.5 V, CD =0.8 V
VCC =6.5 V, CD =2.0 V
-
-
10
1.0
mA
RCD
CD Input Resistance
VCC = VCD = 6.5 V
37.5
-
Kk
Ω
VCDH
CD Input High Voltage
VCC = VCD = 6.5 V
2.0
VCC
V
VCDL
CD Input Low Voltage
VCC = VCD = 6.5 V
0
0.8
V
VB
VB Output Voltage
13.5
3.0
V
ATTENUATOR (VLC = VB, unless noted)
GRX
GRX
∆G
RX1
*
∆G
RX2
*
GRX1
∆G
RX3
*
Receive Attenuator Gain
( f =1.0 KHz)
Rx Mode, RXI=150 mVrms,
(VCC=5.0 V)
Rx Mode, RXI=150 mVrms
(VCC=3.5 V)
Gain Change -VCC=3.5 V versus
VCC =5.0 V
AGC Gain Change - VCC=2.8 V
versus VCC=5.0 V
Idle Mode, RXI=150mVrms
Range (Rx to Tx Mode)
1.5
1.5
-0.5
-
-25
49
10.0
10.0
+0.5
-15
-15
54
dB
VCR
*
Volume Control Range
Rx Mode, 0.3VB<VLC<VB
27
-
dB
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com