Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFF80-01 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # UFF80-01
Description  8A ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UFF80-01 Datasheet(HTML) 2 Page - Frontier Electronics.

  UFF80-01 Datasheet HTML 1Page - Frontier Electronics. UFF80-01 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UFF80-005 THRU UFF80-06
Page: 2
RATINGS AND CHARACTERISTIC CURVE UFF80-005 THRU UFF80-06
FIG. 4 -TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1
0.1
TJ=25
oC
TJ=80
oC
TJ=125
oC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 1 -TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10 ns MAX. SOURCE
IMPEDANCE=50 OHMS
10
8
6
4
2
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (
oC)
FIG. 2 -MAXIMUM FORWARD
CURRENT DERATING CURVE
Resistive or Inductive Load
Heat sink, Case Temperature TC
Free Air, Ambient, Temperature TA
FIG. 3 -TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0 1.2
1.4 1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
UFF80-02~04
100
10
1.0
.1
.01
UFF80-005~015
UFF80-05~06
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
TJ=25
oC
UFF80-05~06
UFF80-005~04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com