Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-220AC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TO-220AC
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TO-220AC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TO-220AC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TO-220AC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T J =2 5
P uls e w idt h = 3 00
s
1 % D u ty C y c le
. 2
. 4
. 6
. 8
1.0
1 . 2
1 . 4
1 . 6
1 . 8
2.0
2.2
1
10
1 0 0
2 0 0
SBL530-SBL545
SBL550-SBL560
SBL580-SBL5100
10
040
60
20
100
120
140
80
TC=25
.
1
1
.01
Tc=100
0
1.0
2.0
25
50
75
100
125
150
3.0
4.0
5.0
0
40
1
100
200
80
12
0
160
10
8.3ms Single Half Sine Wave
TJ=125
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.1 -- PEAK FORWARD SURGE CURRENT
175
SBL530-SBL5100
Schottky Barrier Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com