Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4017B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4017B
Description  Counter/Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4017B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4017B Datasheet HTML 1Page - System Logic Semiconductor SL4017B Datasheet HTML 2Page - System Logic Semiconductor SL4017B Datasheet HTML 3Page - System Logic Semiconductor SL4017B Datasheet HTML 4Page - System Logic Semiconductor SL4017B Datasheet HTML 5Page - System Logic Semiconductor SL4017B Datasheet HTML 6Page - System Logic Semiconductor SL4017B Datasheet HTML 7Page - System Logic Semiconductor SL4017B Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL4017B
System Logic
Semiconductor
SL
S
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥
-55°C 25°C
≤
125
°
C
Unit
VIH
Minimum High-
Level Input
Voltage
VOUT=0.5V or VCC - 0.5V
VOUT=1.0V or VCC - 1.0V
VOUT=1.5V or VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input
Voltage
VOUT=0.5V or VCC - 0.5V
VOUT=1.0V or VCC - 1.0V
VOUT=1.5V or VCC - 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-
Level Output
Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.9
5
V
VOL
Maximum Low-
Level Output
Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±
0.1
±
0.1
±
1.0
µ
A
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
µ
A
IOL
Minimum Output
Low (Sink)
Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source)
Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com