Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS240 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMS240
Description  Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMS240 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMS240 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMS240 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
V
RRM
V
Maximum RMS voltage
VRWS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ord rectified current at
c T
T(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 10ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 2.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
J=25
oC
at rated DC blocking voltage(NOTE1) @T
J=100
oC
RθJA
RθJT
Operating junction and storagetemperature range
TSTG
oC
Storage temperature range
TJ
oC
0.5
45
10
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 100 V
CURRENT: 2.0 A
◇
Built-in strain relief
◇
Case:JEDEC DO-213AB,molded plastic over
1111passivated chip
◇
Low power loss,high effciency
◇
Plastic package has Underwriters Laborator
111
Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
K
/W
◇
High temperature soldering guaranteed:250
oC/10 1
11
seconds at terminals
SMS220 SMS230 SMS240
SMS260 SMS290 SMS2A0
◇
Polarity: Color band denotes cathode end
◇
Weight: 0.0046 ounces, 0.116 gram
mA
UNITS
20
30
40
60
90
100
DO - 213AB
◇
Low profile package
◇
For surface mounted applications
14
21
28
42
63
70
20
30
40
60
90
100
◇
High current capability,low forward voltage drop
50
2.0
◇
For use in low voltage high frequency inverters,free
111
wheeling and polarity protection applications
◇
Guardring for overvoltage protection
-55- - - +150
-55- - - +150
0.5
0.7
0.79
10
◇
Metal silicon junction, majority carrier conduction
◇
High surge capability
Dimensions in millimeters
SMS220-SMS2A0
Surface Mount Schottky Barrier Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMS240

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS240 DIOTEC-SMS240 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS240 SEMIKRON-SMS240 Datasheet
139Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS240 DIOTEC-SMS240 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
logo
Semikron International
SMS240 SEMIKRON-SMS240 Datasheet
143Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS240 DIOTEC-SMS240 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SMS240

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com