Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4020BN Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4020BN
Description  14 Stage Ripple-Carry Binary Counter/Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4020BN Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4020BN Datasheet HTML 1Page - System Logic Semiconductor SL4020BN Datasheet HTML 2Page - System Logic Semiconductor SL4020BN Datasheet HTML 3Page - System Logic Semiconductor SL4020BN Datasheet HTML 4Page - System Logic Semiconductor SL4020BN Datasheet HTML 5Page - System Logic Semiconductor SL4020BN Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL4020B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency(Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
1.75
4
6
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q1
(Figure 1)
5.0
10
15
360
160
130
360
160
130
720
320
260
ns
tPLH, tPHL
Maximum Propagation Delay, Qn to Qn+1 (Figure
3)
5.0
10
15
330
80
60
330
80
60
660
160
120
ns
tPHL
Maximum Propagation Delay, Reset to Any Q
(Figure 2)
5.0
10
15
280
120
100
280
120
100
560
240
200
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS (C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
140
60
40
140
60
40
280
120
80
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
200
80
60
200
80
60
400
160
120
ns
trem
Minimum Removal Time, Reset(Figure 2)
5.0
10
15
350
150
100
350
150
100
700
300
200
ns
tr, tf
Maximum Input Rise and Fall Times, Clock
(Figure 1)
5.0
10
15
Unlimited
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com