Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4023BN Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4023BN
Description  Triple 3-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4023BN Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4023BN Datasheet HTML 1Page - System Logic Semiconductor SL4023BN Datasheet HTML 2Page - System Logic Semiconductor SL4023BN Datasheet HTML 3Page - System Logic Semiconductor SL4023BN Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL4023B
System Logic
Semiconductor
SLS
Triple 3-Input NAND Gate
High-Voltage Silicon-Gate CMOS
The SL4023B NAND gates provide the system designer with direct
emplementation of the NAND function.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4023BN Plastic
SL4023BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X = don’t care


Similar Part No. - SL4023BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BD SLS-SL4020BD Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BN SLS-SL4020BN Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4025B SLS-SL4025B Datasheet
31Kb / 4P
Triple 3-Input NOR Gate
SL4025BD SLS-SL4025BD Datasheet
31Kb / 4P
Triple 3-Input NOR Gate
More results

Similar Description - SL4023BN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com