Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8024_V3 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS8024_V3
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024_V3 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS8024_V3 Datasheet HTML 1Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 2Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 3Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 4Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 5Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 6Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 7Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 8Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Smart Card Interface
5
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL PINS (CLKDIV1, CLKDIV2, CMDVCC, RSTIN, 5V/3V)
Input Low Voltage
VIL
-0.3
0.3 x
VDD
V
Input High Voltage
VIH
0.7 x
VDD
VDD +
0.3
V
Input Low Current
IIL_IO
0 < VIL < VDD
5
μA
Input High Current
IIH_IO
0 < VIH < VDD
5
μA
Integrated Pullup Resistor
RPU
Pullup to VDD, 5V/
3V only
50
85
120
k
INTERRUPT OUTPUT PIN (OFF)
Output Low Voltage
VOL
IOL = 2mA
0
0.3
V
Output High Voltage
VOH
IOH = -15μA
0.75 x
VDD
V
Integrated Pullup Resistor
RPU
Pullup to VDD
12
20
28
k
PRES, PRES PINS
Input Low Voltage
VIL_PRES
0.3 x
VDD
V
Input High Voltage
VIH_PRES
0.7 x
VDD
V
Input Low Current
IIL_PRES
VIL_PRES = 0V
40
μA
Input High Current
IIH_PRES
VIH_PRES = VDD
40
μA
TIMING
Activation Time
tACT
160
μs
Deactivation Time
tDEACT
80
μs
Window Start
t3
95
CLK to Card Start
Time
Window End
t5
160
μs
PRES/PRES Debounce Time
tDEBOUNCE
8
ms
Note 1: Operation guaranteed at TA = -40°C and TA = +85°C, but not tested.
Note 2: IDD_IC measures the amount of current used by the DS8024 to provide the smart card current minus the load.
Note 3: Guaranteed by design, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com