Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4043BN Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4043BN
Description  Quad 3-State R/S Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4043BN Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4043BN Datasheet HTML 1Page - System Logic Semiconductor SL4043BN Datasheet HTML 2Page - System Logic Semiconductor SL4043BN Datasheet HTML 3Page - System Logic Semiconductor SL4043BN Datasheet HTML 4Page - System Logic Semiconductor SL4043BN Datasheet HTML 5Page - System Logic Semiconductor SL4043BN Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL4043B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay, SET or RESET to
Q (Figure 1)
5.0
10
15
300
140
100
300
140
100
600
280
200
ns
tPHZ, tPZH
Maximum Propagation Delay, Output Enable to
Q (Figures 2,4)
5.0
10
15
230
110
80
230
110
80
460
220
160
ns
tPLZ, tPZL
Maximum Propagation Delay, Output Enable to
Q (Figures 2,4)
5.0
10
15
180
100
70
180
100
70
360
200
140
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, SET or RESET (Figure 3)
5.0
10
15
160
80
40
160
80
40
320
160
80
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com