Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4066BN Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL4066BN
Description  Quad Bilateral Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4066BN Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4066BN Datasheet HTML 1Page - System Logic Semiconductor SL4066BN Datasheet HTML 2Page - System Logic Semiconductor SL4066BN Datasheet HTML 3Page - System Logic Semiconductor SL4066BN Datasheet HTML 4Page - System Logic Semiconductor SL4066BN Datasheet HTML 5Page - System Logic Semiconductor SL4066BN Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SL4066B
System Logic
Semiconductor
SLS
Switch Input
Switch Output,
IIS (mA)
VOS (V)
VCC (V)
VIS (V)
-55
°C
+25
°C
+125
°C
Min
Max
5
5
0
5
0.64
-0.64
0.51
-0.51
0.36
-0.36
-
4.6
0.4
-
10
10
0
10
1.6
-1.6
1.3
-1.3
0.9
-0.9
-
9.5
0.5
-
15
15
0
15
4.2
-4.2
3.4
-3.4
2.4
-2.4
-
13.5
1.5
-
Figure 1. Schematic diagram of 1 of 4 identical switches and its associated control circuitry.
GND
≤ V
IS
≤ V
CC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com