Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29352AXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29352AXIT
Description  2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29352AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY29352
2.5 V or 3.3 V, 200 MHz,
11 Output Zero Delay Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07476 Rev. *C
Revised February 5, 2011
2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
Features
■ Output frequency range: 16.67 MHz to 200 MHz
■ Input frequency range: 16.67 MHz to 200 MHz
■ 2.5 V or 3.3 V operation
■ Split 2.5 V and 3.3 V outputs
■ ±2% maximum output duty cycle variation
■ 11 clock outputs: drive up to 22 clock lines
■ LVCMOS reference clock input
■ 125 ps maximum output-output skew
■ PLL bypass mode
■ Spread Aware
■ Output enable and disable
■ Pin compatible with MPC9352 and MPC952
■ Industrial temperature range: –40 °C to +85 °C
■ 32-pin 1.4 mm TQFP package
Description
The CY29352 is a low voltage high performance 200 MHz PLL
based zero delay buffer designed for high speed clock
distribution applications.
The CY29352 features an LVCMOS reference clock input and
provides 11 outputs partitioned in three banks of five, four, and
two outputs. Bank A divides the VCO output by four and six
while bank B divides by four and two, and bank C divides by
two and four per SEL(A:C) settings, see Table 3 on page 3.
These dividers allow output to input ratios of 3:1, 2:1, 3:2, 1:1,
2:3, 1:2, and 1:3. Each LVCMOS compatible output drives
50
 series or parallel terminated transmission lines. For
series terminated transmission lines, each output drives one
or two traces, giving the device an effective fanout of 1:22.
The PLL is stable if the VCO is configured to run between
200 MHz to 500 MHz. This allows a wide range of output
frequencies from 16.67 MHz to 200 MHz. For normal
operation, the external feedback input, FB_IN, is connected to
one of the outputs. The internal VCO runs at multiples of the
input reference clock set by the feedback divider, see Table 2
on page 3. When PLL_EN# is HIGH, PLL is bypassed and the
reference clock directly feeds the output dividers. This mode
is fully static and the minimum input clock frequency
specification does not apply.
2


QA0
VCO
200-500MHz
Phase
Detector




LPF
QA1
QA2
QA3
QA4
QB0
QB1
QB2
QB3
QC0
QC1
PLL_EN#
REFCLK
FB_IN
VCO_SEL
SELA
SELB
SELC
MR/OE#
Block Diagram
[+] Feedback


Similar Part No. - CY29352AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
More results

Similar Description - CY29352AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352 Datasheet
100Kb / 8P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP09 CYPRESS-CY23EP09_11 Datasheet
655Kb / 17P
2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
Failsafe??2.5 V/3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com