Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL503BN Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL503BN
Description  Hex Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL503BN Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL503BN Datasheet HTML 1Page - System Logic Semiconductor SL503BN Datasheet HTML 2Page - System Logic Semiconductor SL503BN Datasheet HTML 3Page - System Logic Semiconductor SL503BN Datasheet HTML 4Page - System Logic Semiconductor SL503BN Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL4503B
System Logic
Semiconductor
SLS
Hex Buffer
High-Voltage Silicon-Gate CMOS
The SL4503B is a hex noninverting buffer with 3-state outputs
having high sink- and source-current capability. Two output ENABLE
controls are provided, one of which controls four buffers and the other
controls the remaining two buffers.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL503BN Plastic
SL4503BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Enable1,Enable 2
A
Y
L
L
L
L
H
H
H
X
Z
Z = high impedance
X = don’t care


Similar Part No. - SL503BN

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SL500 EDI-SL500 Datasheet
43Kb / 2P
FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
AUK corp
SL5001P AUK-SL5001P Datasheet
291Kb / 8P
TONE RINGER
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
TONE RINGER
SL5002P AUK-SL5002P Datasheet
291Kb / 8P
TONE RINGER
SL5015 AUK-SL5015 Datasheet
49Kb / 4P
COMPANDOR
More results

Similar Description - SL503BN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
Hex Buffer
February, 2005 ??Rev. 5
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
Hex Buffer
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
HEX BUFFER
Sep-2001
logo
Unisonic Technologies
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
HEX BUFFER
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
Hex Buffer
March, 2022 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com