Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3AM Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H3AM
Description  Mechatronic Analog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3AM Datasheet(HTML) 3 Page - Omron Electronics LLC

  H3AM Datasheet HTML 1Page - Omron Electronics LLC H3AM Datasheet HTML 2Page - Omron Electronics LLC H3AM Datasheet HTML 3Page - Omron Electronics LLC H3AM Datasheet HTML 4Page - Omron Electronics LLC H3AM Datasheet HTML 5Page - Omron Electronics LLC H3AM Datasheet HTML 6Page - Omron Electronics LLC H3AM Datasheet HTML 7Page - Omron Electronics LLC H3AM Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
http://www.ia.omron.com/
3
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3AM
■ Characteristics
Note: A separately sold waterproof packing (Y92S-35) is necessary to ensure IP65 waterproofing between the Timer and installation panel.
The H3AM-NS
@-@-300 model with waterproof packing is available.
Accuracy of operating time
±0.7% FS max.
Setting error
±2% FS max.
Reset time
Power reset:
0.5 s max.
Reset input time: 0.5 s max.
Influence of voltage
±1% FS max.
Influence of temperature
±2% FS max.
Insulation resistance
100 M
Ω max. (at 500 VDC)
Dielectric strength
2,000 VAC (50/60 Hz) for 1 min between exposed non-current-carrying metal parts and current-carrying metal parts
2,000 VAC (50/60 Hz) for 1 min between the operating circuit and control output terminals
1,000 VAC (50/60 Hz) for 1 min between the operating power supply circuit and reset input circuit (H3AM-NSR only)
1,000 VAC (50/60 Hz) for 1 min between contacts not located next to each other
2,000 VAC (50/60 Hz) for 1 min between contacts of opposite poles
Impulse withstand voltage 3 kV between power terminals
4.5 kV between exposed non-current-carrying metal parts and current-carrying metal parts
Noise immunity
±1.5 kV (between power terminals) square-wave noise by a noise simulator
(pulse width: 100 ns/1
μs, 1-ns rise)
Static immunity
Malfunction: 8 kV
Destruction: 15 kV
Vibration resistance
Destruction: 10 to 55 Hz, 0.75-mm single amplitude for 2 cycles each in 3 directions (8 min per cycle)
Malfunction: 10 to 55 Hz, 0.5-mm single amplitude for 2 cycles each in 3 directions (8 min per cycle)
Shock resistance
Destruction: 300 m/s2 3 times each in 6 directions
Malfunction: 150 m/s2 (100 m/s2 in the front/back direction) 3 times each in 6 directions
Life expectancy
Mechanical: 5,000,000 times min. (under no load at 1,800 times/h)
Electrical:
100,000 times min. (5-A at 250 VAC, resistive load at 1,800 times/h)
Motor life expectancy
20,000 h
EMC
(EMI):
EN61812-1
Emission Enclosure:
EN55011 class A
Emission AC Mains:
EN55011 class A
(EMS):
EN61812-1
Immunity ESD:
IEC61000-4-2: 6 kV contact discharge
8 kV air discharge
Immunity RF-interference:
IEC61000-4-3: 10 V/m (Amplitude-modulated, 80 MHz to 1 GHz)
10 V/m (Pulse-modulated, 900 MHz
±5 MHz)
Immunity Power Frequency Magnetic Fields: IEC61000-4-8: 30 A/m (50 Hz)
Immunity Conducted Disturbance:
IEC61000-4-6: 10 V (0.15 to 80 MHz)
Immunity Burst:
IEC61000-4-4: 2 kV power-line
2 kV I/O signal-line
Immunity Surge:
IEC61000-4-5: 1 kV line to line
2 kV line to ground
Enclosure rating
IP65 (front panel only) (See note.) IP20 (terminal section)
Weight
Approx. 350 g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com