Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-11 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # P2CF-11
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button P2CF-11 Datasheet HTML 2Page - Omron Electronics LLC P2CF-11 Datasheet HTML 3Page - Omron Electronics LLC P2CF-11 Datasheet HTML 4Page - Omron Electronics LLC P2CF-11 Datasheet HTML 5Page - Omron Electronics LLC P2CF-11 Datasheet HTML 6Page - Omron Electronics LLC P2CF-11 Datasheet HTML 7Page - Omron Electronics LLC P2CF-11 Datasheet HTML 8Page - Omron Electronics LLC P2CF-11 Datasheet HTML 9Page - Omron Electronics LLC P2CF-11 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
H5CL
H5CL
6
H5CL-A
j
With Flush Mounting Adapter
H5CL-AD
j
With Flush Mounting Adapter
Panel Cutouts
Panel cutouts are as shown below.
(according to DIN43700).
+1
–0
A = (48n–2.5)
Note:
1. The mounting panel thickness should be 1 to 4 mm.
2. It is possible to mount timers side by side, but only in one direction.
3. When the Timers are mounted closely side by side, the Timers will
not be water-resistive.
58
(51)
48
98.7
7.5
(51)
48
58
7.5
Y92S-29 rubber packing
(provided)
Panel
Y92F-30 flush mounting
adapter (provided)
P3GA-11 back connecting
socket (sold separately)
Y92S-29 rubber packing
(provided)
Panel
Y92F-30 flush mounting
adapter (provided)
62.5
60 min.
60 min.
A
n side by side mounting
45
+0.6
–0
45
+0.6
–0
44.8 x 44.8
H5CL-AD
j-500
The cover conforms to finger protection standard against electric shock. (VDE 0106/P100)
DIN Track Mounting
120
H5CL-A
j
P2CF-11
64.5
47.5
7.5
58
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com