Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN2 Datasheet(PDF) 3 Page - NEC

Part # EN2
Description  Miniature Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EN2 Datasheet(HTML) 3 Page - NEC

  EN2 Datasheet HTML 1Page - NEC EN2 Datasheet HTML 2Page - NEC EN2 Datasheet HTML 3Page - NEC EN2 Datasheet HTML 4Page - NEC EN2 Datasheet HTML 5Page - NEC EN2 Datasheet HTML 6Page - NEC EN2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
•Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
•Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
•Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
Retractable mirror
Power window
Retractable head light
Electronic suspension
Wiper
Power seat (Memory seat)
Passive seatbelt
Tilt steering
Auto speed control
Junction box
Sift lock
Auto door lock
Sun roof
Rear defogger
Auto antenna
Head light
The most important item of relays is “reliability”. NEC TOKIN’s Miniature Signal Relays are
widely used for various communication equipments and measurement instruments which
require high reliability of contact performance.
Meanwhile, NEC TOKIN also has successful records in the field of Miniature Power Relays,
which have been recognized by many customers of automotive electronics with severe
requirements for product quality.
These products are shipped to many customers all over the world from NEC TOKIN’s plants
which have received the certifications of international standards of quality management
ISO9001, ISO/TS16949 and environmental management ISO 14000.
“Better Products, Better Service” — Reliability supporting the products which create
comfortable life. That is NEC TOKIN’s Miniature Relay.
Applications
Miniature
Power Relays
Excellent performance and reliability
recognized by customers all over the world.
• Automotive electronic systems



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com