| Electronic Components Datasheet Search |
|
ESD-R-14A Datasheet(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESD-R-14A Datasheet(HTML) 5 Page - NEC |
|
5 / 31 page ![]() EMI Core 5 EMI Cores Ring Type ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634ESDVOL09E1003E1 ■Effective band range depending on core material There are two materials of ferrite, Ni-Zn series and Mn-Zn series. Ni-Zn series is effective for MHz band range such as FM band while Mn-Zn series is effective for kHz band range. Note that above effective band range is a reference only. Examination of effectiveness with actual instrument is necessary. As Mn-Zn series has lower resistance compared to Ni-Zn series, make sure to provide adequate insulation before use. ■Characteristics and how to count turns Number of turns are counted by how many times the lead wire passes through the inner hole of the core. Do not count the number of lead wire winding outside the core, as it results in different turn count. (Fig. 1) When desired performance can not be obtained just by 1 turn, impedance characteristics value can be raised by increasing the turn. In this case, the effective frequency band should be checked that it is in the desired range as adding turns results in lowering down the effective band range. (Fig. 2) Tips on EMI Core Usages 1 10000 1000 100 10 1T 2T 3T 1 10 100 1000 Frequency (MHz) (Representative Example:ESD-R-16C) Fig.1 How to count turns Fig.2 Relationship between impedance and turn counts 1T 2T 3T Resonance point changes to lower band *Number of lead wire wound outside the core + 1 = Number of read wire passes through the inner hole of the core = Turn count Mn-Zn series vs Ni-Zn series|Z|-f Characteristics (representative example) AM band range FM band range (measurement condition: measured with same-dimension ring core) 1 10 100 1000 0.01 0.1 1 10 100 1000 Frequency (MHz) Mn-Zn series core Ni-Zn series core Fig.3 Effective Band Range of Mn-Zn series / Ni-Zn series ferrite |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |