Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC163 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC163
Description  Presettable Counters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC163 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC163 Datasheet HTML 1Page - System Logic Semiconductor SL74HC163 Datasheet HTML 2Page - System Logic Semiconductor SL74HC163 Datasheet HTML 3Page - System Logic Semiconductor SL74HC163 Datasheet HTML 4Page - System Logic Semiconductor SL74HC163 Datasheet HTML 5Page - System Logic Semiconductor SL74HC163 Datasheet HTML 6Page - System Logic Semiconductor SL74HC163 Datasheet HTML 7Page - System Logic Semiconductor SL74HC163 Datasheet HTML 8Page - System Logic Semiconductor SL74HC163 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL74HC163
System Logic
Semiconductor
SLS
Presettable Counters
High-Performance Silicon-Gate CMOS
The SL74HC163 is identical in pinout to the LS/ALS163. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC163 is programmable 4-bit synchronous counter that
feature parallel Load, synchronous Reset, a Carry Output for cascading
and count-enable controls.
The SL74HC163 is binary counter with synchronous Reset.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC163N Plastic
SL74HC163D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
Reset
Load
Enable
P
Enable
T
Clock
Q0
Q1
Q2
Q3
Function
L
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
P0
P1
P2
P3
Preset Data
H
H
X
L
No change
No count
H
H
L
X
No change
No count
H
H
H
H
Count up
Count
X
X
X
X
No change
No count
X=don’t care
P0,P1,P2,P3 = logic level of Data inputs
Ripple Carry Out = Enable T
• Q0 • Q1 • Q2 • Q3
PIN ASSIGNMENT


Similar Part No. - SL74HC163

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
SL74HC161D SLS-SL74HC161D Datasheet
85Kb / 9P
Presettable Counters
SL74HC161N SLS-SL74HC161N Datasheet
85Kb / 9P
Presettable Counters
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
SL74HC164D SLS-SL74HC164D Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
More results

Similar Description - SL74HC163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
Presettable Counters
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
Presettable Binary Counters
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
PRESETTABLE COUNTERS
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com