Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC715PL Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC715PL
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC715PL Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC715PL Datasheet HTML 3Page - Texas Instruments DAC715PL Datasheet HTML 4Page - Texas Instruments DAC715PL Datasheet HTML 5Page - Texas Instruments DAC715PL Datasheet HTML 6Page - Texas Instruments DAC715PL Datasheet HTML 7Page - Texas Instruments DAC715PL Datasheet HTML 8Page - Texas Instruments DAC715PL Datasheet HTML 9Page - Texas Instruments DAC715PL Datasheet HTML 10Page - Texas Instruments DAC715PL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
DAC715
D15
MSB
16-Bit Input Latch
16-Bit D/A Latch
28
27
26
25
24
23
22
21
20
19
18
17
D0
LSB
6
5
+10V
Reference
2
1
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
10
WR
12
A
0
11
A
1
9
CLR
8
– V
CC
16
15
14
13
Offset
Adjust
4
3
V
OUT
D/A Switches
–V
CC
+2.5V
15k
Ω
170
Ω
10k
Ω
5k
Ω
Offset Adjustment
Apply the digital input code that produces zero output
voltage and adjust the offset potentiometer or the offset
adjust D/A converter for 0V.
FIGURE 3. Relationship of Offset and Gain Adjustments.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a unipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
FIGURE 2. Equivalent Circuit of Digital Inputs.
FIGURE 1. DAC715 Block Diagram.
R
R = 1k
Ω: A
0, A1, WR, CLR
3k
Ω: D0...D15
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
7FFF
H
0000
H
8000
H
Full Scale
Range
Gain Adjust
Rotates the Line
Zero
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%
+ Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com