Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC813 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC813 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC813 Datasheet HTML 2Page - Texas Instruments DAC813 Datasheet HTML 3Page - Texas Instruments DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments DAC813 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
®
6
DAC813
20
10
0
–10
–20
–40
–2
Time (µs)
SETTLING TIME, –10V TO +10V
+5
0
02468
10
12
14
V
OUT
WR
V
OUT
1LSB = 4.88mV
20
10
0
–10
–20
–2
Time (µs)
SETTLING TIME, +10V TO –10V
+5
0
0
2
4
6
8
10
12
1LSB = 4.88mV
V
OUT
WR
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = ±15V, unless otherwise noted.
DISCUSSION OF
SPECIFICATIONS
INPUT CODES
The DAC813 accepts positive-true binary input codes.
DAC813 may be connected by the user for any one of the
following codes: USB (Unipolar Straight Binary), BOB
(Bipolar Offset Binary) or, using an external inverter on the
MSB line, BTC (Binary Two’s Complement). See Table I.
MONOTONICITY
A D/A converter is monotonic if the output either increases
or remains the same for increasing digital inputs. All grades
of DAC813 are monotonic over their specification tempera-
ture range.
DRIFT
Gain Drift is a measure of the change in the Full Scale Range
(FSR) output over the specification temperature range. Gain
Drift is expressed in parts per million per degree Celsius
(ppm/
°C).
Unipolar Offset Drift is measured with a data input of
000HEX. The D/A is configured for unipolar output. Unipolar
Offset Drift is expressed in parts per million of Full Scale
Range per degree Celsius (ppm of FSR/
°C).
Bipolar Zero Drift is measured with a data input of 800HEX.
The D/A is configured for bipolar output. Bipolar Zero Drift
is expressed in parts per million of Full Scale Range per
degree Celsius (ppm of FSR/
°C).
SETTLING TIME
Settling Time is the total time (including slew time) for the
output to settle within an error band around its final value
after a change in input. Three settling times are specified to
±0.012% of Full Scale Range (FSR): two for maximum full
scale range changes of 20V and 10V, and one for a 1LSB
change. The 1LSB change is measured at the major carry
(7FFHEX to 800HEX and 800HEX to 7FFHEX), the input tran-
sition at which worst-case settling time occurs.
REFERENCE SUPPLY
DAC813 contains an on-chip +10V reference. This voltage
(pin 6) has a tolerance of
±50mV. V
REF OUT must be con-
nected to VREF IN through a gain adjust resistor with a
nominal value of 500
Ω. The connection can be made through
an optional 1k
Ω trim resistor to provide adjustment to zero
DIGITAL
ANALOG OUTPUT
INPUT
USB
BOB
BTC*
Unipolar
Bipolar
Binary
Straight
Offset
Two’s
MSB to LSB
Binary
Binary
Complement
FFFHEX
+ Full Scale
+ Full Scale
Zero – 1LSB
800HEX
+ 1/2 Full Scale
Zero
– Full Scale
7FFHEX
+ 1/2 Full Scale – 1LSB
Zero – 1LSB
+ Full Scale
000HEX
Zero
– Full Scale
Zero
* Invert MSB of BOB code with external inverter to obtain BTC code.
TABLE I. Digital Input Codes.
LINEARITY ERROR
Linearity error as used in D/A converter specifications by
Burr-Brown is the deviation of the analog output from a
straight line drawn between the end points (inputs all “1s”
and all “0s”). The DAC813 linearity error is specified at
±1/4LSB (max) at +25°C K grades, and ±1/2LSB (max) for
J grades.
DIFFERENTIAL LINEARITY ERROR
Differential linearity error (DLE) is the deviation from a
1LSB output change from one adjacent state to the next. A
DLE specification of 1/2LSB means that the output step size
can range from 1/2LSB to 3/2LSB when the input changes
from one state to the next. Monotonicity requires that DLE
be less than 1LSB over the temperature range of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com