Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS0H474ZF Datasheet(PDF) 18 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 18 Page - NEC

Back Button FS0H474ZF Datasheet HTML 14Page - NEC FS0H474ZF Datasheet HTML 15Page - NEC FS0H474ZF Datasheet HTML 16Page - NEC FS0H474ZF Datasheet HTML 17Page - NEC FS0H474ZF Datasheet HTML 18Page - NEC FS0H474ZF Datasheet HTML 19Page - NEC FS0H474ZF Datasheet HTML 20Page - NEC FS0H474ZF Datasheet HTML 21Page - NEC FS0H474ZF Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
18 Super Capacitors Vol.12
Specifications
Series name
Item
5.5V type, 3.5V type, 6.5V type
FMC type
FML, FME type
Test conditions
(conforming to JIS C 5160-1)
Category temperature range
−
25 ℃ to +70 ℃−25 ℃ to +70 ℃
MAX operating voltage
5.5Vdc, 3.5Vdc, 6.5Vdc
5.5Vdc
Capacitance
5.5V:0.010F to 0.33F
3.5V:0.047F to 0.22F
6.5V:0.047
0.022F, 0.033F, 0.047F
Refer to Measurement Conditions
Capacitance allowance
+
80 %, −20 %+80 %, −20 %
Refer to Measurement Conditions
ESR
Refer to standard ratings
Refer to standard ratings
Measured at 1kHz, 10mA ; See also
Measurement Conditions
Current (30-minutes value)
Refer to standard ratings
Refer to standard ratings
Refer to Measurement Conditions
Surge
Capacitance
More than 90% of initial ratings
More than 90% of initial ratings
Surge voltage:4.0V (3.5V type)
:
6.3V (5.5V type)
:
7.4V (6.5V type)
Charge:30 sec.
Discharge:9min 30sec.
Number of cycles:1000
Series resistance:0.010F
1500Ω
:
0.022F
560Ω
:
0.033F
510Ω
:
0.047F
300Ω
:
0.068F
240Ω
:
0.10F
150Ω
:
0.22F
56Ω
:
0.33F
51Ω
Discharge resistance:0Ω
Temperature:70±2 ℃
ESR
Not to exceed 120% of initial ratings
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
No obvious abnormality
Characteristics
in different
temperature
Capacitance
Phase
2
50% or higher than initial value
Phase
2
50% or higher than initial value
Conforms to 4.17
Phase1:+25±2 ℃
Phase2:−25±2 ℃
Phase4:+25±2 ℃
Phase5:+70±2 ℃
Phase6:+25±2 ℃
ESR
400% or less than initial value
400% or less than initial value
Capacitance
Phase
3
Phase
3
ESR
Capacitance
Phase
5
200% or less than initial value
Phase
5
200% or less than initial value
ESR
Satisfy initial ratings
Satisfy initial ratings
Current (30 minutes value)
1.5CV (mA) or below
1.5CV (mA) or below
Capacitance
Phase
6
Within ±20% of initial value
Phase
6
Within ±20% of initial value
ESR
Satisfy initial ratings
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings
Satisfy initial ratings
Lead strength (tensile)
No terminal damage
No terminal damage
Conforms to 4.9
Vibration
resistance
Capacitance
Satisfy initial ratings
Satisfy initial ratings
Conforms to 4.13
Frequency:10 to 55 Hz
Testing time:6 hours
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
No obvious abnormality
Solderability
Over 3/4 of the terminal should
be covered by the new solder
Over 3/4 of the terminal should
be covered by the new solder
Conforms to 4.11
Solder temp:245±5 ℃
Dipping time:5±0.5 sec.
1.6mm from the bottom should be dipped.
Solder heat
resistance
Capacitance
Satisfy initial ratings
Satisfy initial ratings
Conforms to 4.10
Solder temp:260±10 ℃
Dipping time:10±1 sec.
1.6mm from the bottom should be dipped.
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
No obvious abnormality
Temperature
cycle
Capacitance
Satisfy initial ratings
Satisfy initial ratings
Conforms to 4.12
Temperature condition:−25℃→Room temperature→
+
70℃→Room temperature
Number of cycles:5 Cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
No obvious abnormality
High temp. and
high humidity
resistance
Capacitance
Within ±20% of initial value
Within ±20% of initial value
Conforms to 4.14
Temperature:40±2 ℃
Relative humidity:90 to 95 %RH
Testing time:240±8 hours
ESR
Not to exceed 120% of initial ratings
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
No obvious abnormality
High
temperature
load
Capacitance
Within ±30% of initial value
Within ±30% of initial value
Conforms to 4.15
Temperature:70±2 ℃
Voltage applied:MAX operating voltage
Series protection resistance:0Ω
Testing time:1000+48
 
0
Hours
ESR
Below 200% of initial ratings
Below 200% of initial ratings
Current (30 minutes value)
Below 200% of initial ratings
Below 200% of initial ratings
Appearance
No obvious abnormality
No obvious abnormality
Self discharge characteristics
(voltage holding characteristics)
5.5V type: Voltage between
terminal leads higher
than 4.2V
3.5V type: Not specified
6.5V type: Not specified
Charging
condition
Voltage applied:5.0Vdc (Terminal at
the case's side be negative)
Series resistance:0Ω
Charging time:24 hours
Storage
Let stand for 24 hours in condition
described below with terminals opened.
Ambient temperature:Lower than 25℃
Relative humidity:Lower than 70%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com