Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP180 Datasheet(PDF) 1 Page - 3M Electronics

Part # MP180
Description  3M™ PocketProjector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MP180 Datasheet(HTML) 1 Page - 3M Electronics

  MP180 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Resolution: SVGA (800 x 600)
Weight: 11.9 ounces (338 grams)
Height: 1.3"
Depth: 5.9"
Width: 2.5"
Audio: two .75W Speakers
Inputs/Outputs: VGA, Composite Video, Component Video, USB Mini
2.0, Audio Out (3.5mm Stereo Jack), microSD™ Card Slot
Light source: LED, 20,000 hours typical (no replacement)
Battery life: 2 hours
Supported resolutions: VGA, SVGA (native), SXGA, XGA, WXGA
Video compatibility: NTSC (480i, 480p), PAL (576i, 576p),
H.264, SD (480i/576i), HD (720p/1080i)
3M MP180
HK-4000-0067-3
3M™
PocketProjector MP180
n
If you want the ultimate in portable projection technology, the
new 3M™ PocketProjector MP180 is for you. This powerhouse
stores video, music and data files and even accesses the internet
and other devices through Wi-Fi and Bluetooth technology.
n
With its easy-to-use touch screen, you can quickly find files,
arrange and edit presentations, access the internet, and transfer
content to other Bluetooth devices like printers.
n
4GB of memory built-in.
n
Fully equipped with speakers, 2 hours of battery life, screen size
up to 80 inches (diagonal) and 30 lumens of brightness.
n
Controlled lighting improves image brightness.
3MPocketProjector.com
or call
866.631.1656
For more information:
©3M 2010. All rights reserved.
3M is a trademark of 3M Company. Used under
license in Canada. All other trade names referenced are the service marks,
trademarks or registered tradmarks of their respective companies.
SPECIFICATIONS:
Works with these popular file formats:
DOC, PPT, XLS, TXT, PDF, BMP, JPG, MP4, MP3, PAL,
NTSC, H264, AMR, AAC
Connects to your favorite digital media sources. Share
files, photos and movies from: MP3 Players, PCs, DVD
players, digital cameras and smartphones.
COMPATIBILITY:
ACCESSORIES:
POWER ADAPTER with
US, EU, UK, AUS plugs
78-6972-0033-1
COMPOSITE VIDEO CABLE [RCA]
78-6972-0031-5
LITHIUM-ION BATTERY
78-6972-0026-5
USB CABLE
VGA CABLE
78-6972-0030-7
6" TRIPOD
CAR CHARGER [optional]
78-6972-0029-9
COMPONENT AV CABLE [optional]
78-6972-0032-3
ADAPTER CABLE FOR APPLE®
[optional]
78-6972-0034-9
REMOTE [optional]
78-6972-0035-6
PORTABLE PRESENTATION
BINDER [optional]
78-6969-9997-4
™
4GB
In the Box: Projector, Battery, Wall Charger, Charger Adapters (US, EU, UK, AUS), USB &
VGA Cables, Composite Video Cable (RCA), Tripod, Soft Protective Pouch, Quick Start Card


Similar Part No. - MP180

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP180 CTS-MP180 Datasheet
133Kb / 5P
Quartz Crystal
logo
M-System Co.,Ltd.
MP1800-0-0FH MSYSTEM-MP1800-0-0FH Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1800-0-0FT MSYSTEM-MP1800-0-0FT Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1800-0-0FV MSYSTEM-MP1800-0-0FV Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1800-0-0FX MSYSTEM-MP1800-0-0FX Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
More results

Similar Description - MP180

ManufacturerPart #DatasheetDescription
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com