Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9518-0ABCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9518-0ABCPZ
Description  6-Output Clock Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-0ABCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9518-0ABCPZ Datasheet HTML 14Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 15Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 16Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 17Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 18Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 19Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 20Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 21Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AD9518-0
Data Sheet
Rev. C | Page 18 of 64
–70
–80
–90
–100
–110
–120
–130
–140
–160
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 17. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 2950 MHz
–80
–90
–100
–110
–120
–130
–140
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 18. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 2750 MHz
–80
–90
–100
–110
–120
–130
–140
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 19. Internal VCO Phase Noise (Absolute) Direct to LVPECL at 2550 MHz
–120
–130
–125
–135
–140
–145
–150
–155
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 20. Phase Noise (Additive) LVPECL at 245.76 MHz, Divide-by-1
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 21. Phase Noise (Additive) LVPECL at 200 MHz, Divide-by-5
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 22. Phase Noise (Additive) LVPECL at 1600 MHz, Divide-by-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com