Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7997 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 4 Page - Analog Devices

  AD7997 Datasheet HTML 1Page - Analog Devices AD7997 Datasheet HTML 2Page - Analog Devices AD7997 Datasheet HTML 3Page - Analog Devices AD7997 Datasheet HTML 4Page - Analog Devices AD7997 Datasheet HTML 5Page - Analog Devices AD7997 Datasheet HTML 6Page - Analog Devices AD7997 Datasheet HTML 7Page - Analog Devices AD7997 Datasheet HTML 8Page - Analog Devices AD7997 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7992
Rev. 0 | Page 4 of 28
Parameter
B Version
Unit
Test Conditions/Comments
LOGIC INPUTS (CONVST)
Input High Voltage, VINH
2.4
V min
VDD = 5 V
2.0
V min
VDD = 3 V
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input Leakage Current, IIN
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN3
10
pF max
LOGIC OUTPUTS (OPEN DRAIN)
Output Low Voltage, VOL
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
See the Serial Interface section
Conversion Time
2
µs typ
Throughput Rate
Mode 1 (Reading after the Conversion)
5
kSPS typ
fSCL = 100 kHz
21
kSPS typ
fSCL = 400 kHz
121
kSPS typ
fSCL = 3.4 MHz
Mode 2
5.5
kSPS typ
fSCL = 100 kHz
22
kSPS typ
fSCL = 400 kHz
147
kSPS typ
fSCL = 3.4 MHz , 188 kSPS typ @ 5 V
POWER REQUIREMENTS
VDD
2.7/5.5
V min/max
IDD
Digital inputs = 0 V or VDD
Power-Down Mode, Interface Inactive
1/2
µA max
VDD = 3.3 V/5.5 V
Power-Down Mode, Interface Active
0.07/0.3
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.3/0.6
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Operating, Interface Inactive
0.06/0.1
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.3/0.6
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL
Operating, Interface Active
0.15/0.4
mA max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
0.6/1.1
mA max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode1
0.7/1.4
mA typ
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 2
Mode 3 (I2C Inactive, TCONVERT × 32)
0.7/1.5
mA max
VDD = 3.3 V/5.5 V
POWER DISSIPATION
Fully Operational
Operating, Interface Active
0.495/2.2
mW max
VDD = 3.3 V/5.5 V, 400 kHz fSCL
1.98/6.05
mW max
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 1
2.31/7.7
mW typ
VDD = 3.3 V/5.5 V, 3.4 MHz fSCL Mode 2
Power Down, Interface Inactive
3.3/11
µW max
VDD = 3.3 V/5.5 V
1 Maximum/minimum ac dynamic performance, INL and DNL specifications are typical specifications when operating in Mode 2 with I2C high speed mode SCL
frequencies. Specifications outlined for Mode 2 apply to Mode 3 also. Sample delay and bit trial delay enabled.
2 See the Terminology section.
3 Guaranteed by initial characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com