Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9518-4 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9518-4
Description  6-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-4 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9518-4 Datasheet HTML 13Page - Analog Devices AD9518-4 Datasheet HTML 14Page - Analog Devices AD9518-4 Datasheet HTML 15Page - Analog Devices AD9518-4 Datasheet HTML 16Page - Analog Devices AD9518-4 Datasheet HTML 17Page - Analog Devices AD9518-4 Datasheet HTML 18Page - Analog Devices AD9518-4 Datasheet HTML 19Page - Analog Devices AD9518-4 Datasheet HTML 20Page - Analog Devices AD9518-4 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
AD9518-4
Rev. B | Page 17 of 64
2.1
0.9
1.1
1.3
1.5
1.7
1.9
1.45
1.55
1.65
1.75
1.50
1.60
1.70
1.80
FREQUENCY (GHz)
Figure 11. VCO Tuning Voltage vs. Frequency
(Note that VCO calibration centers the dc tuning voltage
for the PLL setup that is active during calibration.)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 50MHz
5MHz/DIV
Figure 12. PFD/CP Spurs; 122.88 MHz; PFD = 15.36 MHz;
LBW = 135 kHz; ICP = 3 mA; fVCO = 1.475 GHz
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 1MHz
100kHz/DIV
Figure 13. Output Spectrum, LVPECL; 122.88 MHz; PFD = 15.36 MHz;
LBW = 135 kHz; ICP = 3 mA; fVCO = 1.475 GHz
1.0
0.6
0.2
–0.2
–0.6
–1.0
02
20
15
10
5
TIME (ns)
5
Figure 14. LVPECL Output (Differential) at 100 MHz
1.0
0.6
0.2
–0.2
–0.6
–1.0
02
1
TIME (ns)
Figure 15. LVPECL Output (Differential) at 1600 MHz
1600
800
1000
1200
1400
03
2
1
FREQUENCY (GHz)
Figure 16. LVPECL Differential Swing vs. Frequency,
Using a Differential Probe Across the Output Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com