Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3421 Datasheet(PDF) 23 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 23 Page - ams AG

Back Button AS3421 Datasheet HTML 19Page - ams AG AS3421 Datasheet HTML 20Page - ams AG AS3421 Datasheet HTML 21Page - ams AG AS3421 Datasheet HTML 22Page - ams AG AS3421 Datasheet HTML 23Page - ams AG AS3421 Datasheet HTML 24Page - ams AG AS3421 Datasheet HTML 25Page - ams AG AS3421 Datasheet HTML 26Page - ams AG AS3421 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
23 - 61
AS3421 AS3422
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 27. Timing Diagram for VNEG Buffering
To guaranty a successful trimming process it is important to follow exactly the predefined trimming sequence shown inFigure 28. As a first step it
is important to do a register dump of all OTP registers. This register backup in your system
memory is a backup of all register setting and is necessary
for the verification after the trim process to make sure that all bits are trimmed correctly. Once the register dump has been done it is important to
check the OTP_LOCK in register 0x35. This register indicates if the device is already trimmed or not. In case this bit is set to ‘1’ there is no more
trimming possible. The device has obviously already been trimmed before. In case the bit is ‘0’ there is initial or further trimming of the device
possible. You enter the trim mode and start the trimming process. Once the trimming is done the most important step is comparing the values
trimmed to the device with the original register dump we did right before we started with the actual trimming process. If the verification was
successful we know that all bits have been trimmed correctly to AS3501/AS3502. What is important to mention is that the AS3502 and AS3501
have a couple of test bits inside which are per default set to ‘1’. We do not recommend overwriting these bytes.
Furthermore it is important to know that it is not possible to change bits once they are trimmed. With AS3501 and AS3502 it is possible to trim the
device again if the MAIN_LOCK bit is not set to ‘1’. What is not possible is, is changing a bit from ‘1’ back to zero. If an additional trimming is
done it is only possible to change bits from ‘0’ to ‘1’. An example would be the following. A register contains a value of 0x41. If the MAIN_LOCK
bit is not set to ‘1’ you can basically re-trim the part but it doesn’t work to change the value from 0x41 to 0x40. What is possible would be a change
from 0x41 to 0x43. It is important that all necessary bits are trimmed exactly like in the block diagram shown in
Figure 28. The internal state machine
needs the MAIN_LOCK bit as well as the ALTx_LOCK bits to determine the right microphone register at start-up of the device. If the
MAIN_LOCK bit and the ALTx_LOCK bits are not set correctly the result can be malfunction of the device.
for detailed implementation of the I2C trimming there is also an application note available which describes the whole process in more detail and
includes also some code examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com