Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESVC21C336M Datasheet(PDF) 2 Page - NEC

Part # ESVC21C336M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC21C336M Datasheet(HTML) 2 Page - NEC

  ESVC21C336M Datasheet HTML 1Page - NEC ESVC21C336M Datasheet HTML 2Page - NEC ESVC21C336M Datasheet HTML 3Page - NEC ESVC21C336M Datasheet HTML 4Page - NEC ESVC21C336M Datasheet HTML 5Page - NEC ESVC21C336M Datasheet HTML 6Page - NEC ESVC21C336M Datasheet HTML 7Page - NEC ESVC21C336M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
31
í STANDARD C-V VALUE REFERENCE BY CASE CODE
ESV D
0G 687 M
DC rated voltage in volts
Capacitance tolerance
Capacitance (pF)
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
M
K
: ±20%
: ±10%
Case code
E/SV Series
TE
[Bulk]
[Tape and Reel]
ESVD0G687M 12 R
Packing Orientation
Tape width
R : Cathode on the Side
of Sproket Hole
Part number of Bulk
Tape and Reel
TL ESVD0G687M 12 R
E
Indicates 330mm
φ reel
Tape and Reel
TL : 330 mm
φ reel
TE : 180 mm
φ reel
8 : 8 mm (J, P, A2, A, B3, B2 case)
12 : 12 mm (C2, C, V, D case)
0E: 2.5 V, 0G: 4 V, 0J: 6.3 V, 1A: 10 V,
1C: 16 V, 1D: 20 V, 1E: 25 V, 1V: 35 V
í PART NUMBER SYSTEM
2.5V
0E
4V
0G
6.3V
0J
10V
1A
16V
1C
20V
1D
25V
1E
35V
1V
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
474
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
P
P
J, P
J, A
J, P, A2, A
P, A2, A
A2, A
A, B3
A, B3, B2
A, B2
B3, B2, C
B2, C2, C
C, D
C, D
D
A2
A2
A2
A2
P, A2, A
A2, A, B3
A2, A, B3, B2
B3, B2
B2
C
B2, C2, C, D
D
C, D
A
A
A2, A
A
A, B2
B3, B2
C
C
C, D
D
P
J, P
J, P
J, P, A2
J, P, A2, A
A2, A
P, A2, A, B2
A2, B3
A, B3, B2
B3, B2
A, B2, C2, C
B2, C2, C
B2, C2, C, V, D
V, D
D
A
A
P, A2, A
A
A
B3, B2
B2
C2, C
C
D
D
P
J
J
J, P, A
J, P, A2
J, P, A2, A
P, A2, A
P, A2, A, B3, B2
A2, A, B3
A, B3, B2, C
A, B3, B2, C2
A, B3, B2, C2, C
B2, C
B2, C, V, D
V, D
D
P
J
J, P
P
P, A2, A
P, A2, A
P, A2, A, B3
A, B3
A2, A, B3, B2, C2
B2, C2
B2, C
C, V
D
D
J
J
P, A2
P, A2
P, A2, A
A
A, B3, B2
A, B3, C2
B3, B2, C2
B3, B2, C
B2, C, D
UR
F
UR :Rated Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com