Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESVC1D476M Datasheet(PDF) 5 Page - NEC

Part # ESVC1D476M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC1D476M Datasheet(HTML) 5 Page - NEC

  ESVC1D476M Datasheet HTML 1Page - NEC ESVC1D476M Datasheet HTML 2Page - NEC ESVC1D476M Datasheet HTML 3Page - NEC ESVC1D476M Datasheet HTML 4Page - NEC ESVC1D476M Datasheet HTML 5Page - NEC ESVC1D476M Datasheet HTML 6Page - NEC ESVC1D476M Datasheet HTML 7Page - NEC ESVC1D476M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
34
2.5
10
J
ESVJ0E106M
0.5
20
6.5
30
30
±20%
±20%
15
J
ESVJ0E156M
0.5
20
8
30
30
±20%
±20%
22
P
ESVP0E226M
0.5
20
4
30
30
±20%
±20%
22
A2
ESVA20E226M
0.5
12
3
20
14
±12%
±12%
33
A2
ESVA20E336M
0.8
12
4
22
14
±12%
±12%
33
P
ESVP0E336M
0.8
20
4
30
30
±20%
±20%
47
P
ESVP0E476M
1.1
30
6
60
40
±20%
±20%
47
A2
ESVA20E476M
1.1
12
4.5
22
14
±12%
±12%
47
A
ESVA0E476M
1.1
12
4.5
22
16
±12%
±12%
68
A
ESVA0E686M
1.7
18
4.5
34
20
±12%
±12%
100
A
ESVA0E107M
2.5
30
2
60
40
±20%
±20%
100
B3
ESVB30E107M
2.5
18
1.3
34
20
±15%
±15%
100
B2
ESVB20E107M
2.5
8
1
14
10
±12%
±12%
150
A
ESVA0E157M
3.7
30
2
60
40
±20%
±20%
150
B3
ESVB30E157M
3.7
20
1
40
30
±15%
±15%
150
C2
ESVC20E157M
3.7
12
0.8
26
18
±12%
±12%
220
B3
ESVB30E227M
5.5
30
1
60
40
±15%
±15%
220
B2
ESVB20E227M
5.5
18
0.6
34
20
±12%
±12%
220
C2
ESVC20E227M
5.5
12
0.8
26
18
±12%
±12%
330
B3
ESVB30E337M
8.2
30
1
60
40
±15%
±15%
330
B2
ESVB20E337M
8.2
25
0.6
50
30
±12%
±20%
330
C
ESVC0E337M
8.2
16
0.3
34
18
±12%
±12%
470
B2
ESVB20E477M
11.7
35
0.6
70
50
±20%
±20%
470
C
ESVC0E477M
11.7
18
1.5
34
20
±12%
±12%
470
D
ESVD0E477M
11.7
14
0.5
18
16
±12%
±12%
4
3.3
P
ESVP0G335M
0.5
20
20
30
30
±20%
±20%
6.8
J
ESVJ0G685M
0.5
20
7.5
30
30
±20%
±20%
10
J
ESVJ0G106M
0.5
20
6.5
30
30
±20%
±20%
10
P
ESVP0G106M
0.5
20
6
30
30
±20%
±20%
15
P
ESVP0G156M
0.6
20
5
30
30
±20%
±20%
22
P
ESVP0G226M
0.8
20
4
30
30
±20%
±20%
22
A2
ESVA20G226M
0.8
12
2.8
22
16
±12%
±12%
22
A
ESVA0G226M
0.8
8
2.5
12
10
±12%
±12%
33
P
ESVP0G336M
1.3
20
4
30
30
±20%
±20%
33
A2
ESVA20G336M
1.3
8
4.5
14
10
±12%
±12%
33
A
ESVA0G336M
1.3
10
3
14
12
±12%
±12%
47
P
ESVP0G476M
1.8
30
3
60
40
±20%
±20%
47
A2
ESVA20G476M
1.8
15
4.5
30
20
±12%
±12%
47
A
ESVA0G476M
1.8
12
2.5
22
14
±12%
±12%
47
B3
ESVB30G476M
1.8
12
1.7
18
15
±15%
±15%
68
A
ESVA0G686M
2.7
12
2.5
22
14
±12%
±12%
68
B3
ESVB30G686M
2.7
15
1.5
28
17
±15%
±15%
100
A2
ESVA20G107M
4
30
2
60
40
±20%
±20%
100
A
ESVA0G107M
4
30
2
60
40
±20%
±20%
100
B3
ESVB30G107M
4
20
1.3
38
22
±15%
±15%
100
B2
ESVB20G107M
4
12
0.8
22
14
±12%
±12%
100
C2
ESVC20G107M
4
10
0.8
18
12
±12%
±12%
150
B2
ESVB20G157M
6
18
0.7
34
20
±12%
±12%
150
C2
ESVC20G157M
6
10
0.8
18
12
±12%
±12%
220
B2
ESVB20G227M
8.8
18
0.5
34
20
±12%
±12%
220
C
ESVC0G227M
8.8
12
0.6
22
14
±12%
±12%
330
C
ESVC0G337M
13.2
14
0.2
26
16
±12%
±12%
330
V
ESVV0G337M
13.2
12
0.5
18
14
±12%
±12%
470
D
ESVD0G477M
18.8
16
0.3
30
18
±12%
±12%
680
D
ESVD0G687M
27.2
24
0.3
46
26
±12%
±12%
6.3
1.5
P
ESVP0J155M
0.5
10
25
15
15
±20%
±20%
2.2
J
ESVJ0J225M
0.5
20
17.5
30
30
±20%
±20%
3.3
J
ESVJ0J335M
0.5
20
13.5
30
30
±20%
±20%
4.7
J
ESVJ0J475M
0.5
20
8.5
30
30
±20%
±20%
4.7
P
ESVP0J475M
0.5
20
10
30
30
±20%
±20%
4.7
A
ESVA0J475M
0.5
8
5.5
12
10
± 5%
±10%
6.8
J
ESVJ0J685M
0.5
20
7
30
30
±20%
±20%
6.8
P
ESVP0J685M
0.5
20
7
30
30
±20%
±20%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
( F)
Rated
Capacitance Change
at Endurance
-55℃
+125℃
Soldering Heat
at Resistance to
at Damp Heat
at Surge Voltage
Leakage
Current
Max
DF
Max
ESR
Max
(%)
( A)
DF (%) Max
(
)
í STANDARD RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com